Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TSM70N600CPROG Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TSM70N600CPROG
Description  N-Channel Power MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSM70N600CPROG Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TSM70N600CPROG Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSM70N600CPROG Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSM70N600CPROG Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSM70N600CPROG Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSM70N600CPROG Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TSM70N600CPROG Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TSM70N600CPROG Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TSM70N600CPROG Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TSM70N600CPROG Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
TSM70N600
Taiwan Semiconductor
Document Number: DS_P0000138
1
Version: C15
N-Channel Power MOSFET
700V, 8A, 0.6Ω
FEATURES
●
Super-Junction technology
●
High performance due to small figure-of-merit
●
High ruggedness performance
●
High commutation performance
KEY PERFORMANCE PARAMETERS
PARAMETER
VALUE
UNIT
VDS
700
V
RDS(on) (max)
0.6
Ω
Qg
12.6
nC
APPLICATION
●
Power Supply
●
Lighting
ITO-220
TO-251 (IPAK)
TO-252 (DPAK)
Notes: Moisture sensitivity level: level 3. Per J-STD-020
ABSOLUTE MAXIMUM RATINGS (T
A = 25°C unless otherwise noted)
PARAMETER
SYMBOL
ITO-220
IPAK/DPAK
UNIT
Drain-Source Voltage
VDS
700
V
Gate-Source Voltage
VGS
±30
V
Continuous Drain Current
(Note 1)
TC = 25°C
ID
8
A
TC = 100°C
4.8
Pulsed Drain Current
(Note 2)
IDM
24
A
Total Power Dissipation @ TC = 25°C
PDTOT
32
83
W
Single Pulsed Avalanche Energy
(Note 3)
EAS
100
mJ
Single Pulsed Avalanche Current
(Note 3)
IAS
2
A
Operating Junction and Storage Temperature Range
TJ, TSTG
- 55 to +150
°C
THERMAL PERFORMANCE
PARAMETER
SYMBOL
ITO-220
IPAK/DPAK
UNIT
Junction to Case Thermal Resistance
RӨJC
3.9
1.5
°C/W
Junction to Ambient Thermal Resistance
RӨJA
62
°C/W
Notes: RӨJA is the sum of the junction-to-case and case-to-ambient thermal resistances. The case thermal reference is defined
at the solder mounting surface of the drain pins. RӨJA is guaranteed by design while RӨCA is determined by the user’s board
design. RӨJA shown below for single device operation on FR-4 PCB in still air.


Similar Part No. - TSM70N600CPROG

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM70N600ACL TSC-TSM70N600ACL Datasheet
894Kb / 6P
N-Channel Power MOSFET
More results

Similar Description - TSM70N600CPROG

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQA70N15 FAIRCHILD-FQA70N15 Datasheet
738Kb / 8P
N-Channel Power MOSFET
FQA90N15 FAIRCHILD-FQA90N15 Datasheet
749Kb / 8P
N-Channel Power MOSFET
SSF7N90A FAIRCHILD-SSF7N90A Datasheet
249Kb / 8P
N-CHANNEL POWER MOSFET
FQH90N15 FAIRCHILD-FQH90N15_06 Datasheet
1Mb / 10P
N-Channel Power MOSFET
logo
Gunter Seniconductor Gm...
GFC224 GSG-GFC224 Datasheet
100Kb / 1P
N Channel Power MOSFET
GFC250 GSG-GFC250 Datasheet
114Kb / 1P
N Channel Power MOSFET
GFC254 GSG-GFC254 Datasheet
114Kb / 1P
N Channel Power MOSFET
GFC330 GSG-GFC330 Datasheet
98Kb / 1P
N Channel Power MOSFET
logo
ON Semiconductor
EMH2412-TL-H ONSEMI-EMH2412-TL-H Datasheet
550Kb / 7P
N-Channel Power MOSFET
July, 2013
logo
AiT Semiconductor Inc.
BSS123L AITSEMI-BSS123L Datasheet
486Kb / 5P
MOSFET N-CHANNEL POWER MOSFET
REV1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com