Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TSM230N06CPROG Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TSM230N06CPROG
Description  60V N-Channel Power MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSM230N06CPROG Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TSM230N06CPROG Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSM230N06CPROG Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSM230N06CPROG Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSM230N06CPROG Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSM230N06CPROG Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TSM230N06CPROG Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TSM230N06CPROG Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TSM230N06CPROG Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TSM230N06
60V N-Channel Power MOSFET
1/8
Version: C14
TO-220
ITO-220
Key Parameter Performance
Parameter
Value
Unit
VDS
60
V
RDS(on) (max)
VGS = 10V
23
m
Ω
VGS = 4.5V
28
Qg
28
nC
TO-252
(DPAK)
Features
●
100% avalanche tested
●
Fast Switching
Block Diagram
N-Channel MOSFET
Ordering Information
Part No.
Package
Packing
TSM230N06CZ C0G
TO-220
50pcs / Tube
TSM230N06CI C0G
ITO-220
50pcs / Tube
TSM230N06CP ROG
TO-252
2.5kpcs / 13
” Reel
Note: “G” denotes for Halogen- and Antimony-free as those which contain
<900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds
Absolute Maximum Ratings (Tc = 25°C unless otherwise noted)
Parameter
Symbol
Limit
Unit
TO-220
ITO-220
DPAK
Drain-Source Voltage
VDS
60
V
Gate-Source Voltage
VGS
±20
V
Continuous Drain Current
(Note 1)
Tc = 25°
C
ID
50*
A
Tc = 100°
C
32*
A
Pulsed Drain Current
(Note 2)
IDM
200
A
Single Pulse Avalanche Energy
(Note 3)
EAS
42
mJ
Power Dissipation @ TC = 25°C
PD
104
42
53
W
Operating Junction Temperature
TJ
150
°
C
Storage Temperature Range
TSTG
-55 to +150
°
C
Pin Definition:
1. Gate
2. Drain
3. Source


Similar Part No. - TSM230N06CPROG

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM230N06PQ56 TSC-TSM230N06PQ56 Datasheet
783Kb / 6P
60V N-Channel Power MOSFET
TSM230N06PQ56RLG TSC-TSM230N06PQ56RLG Datasheet
783Kb / 6P
60V N-Channel Power MOSFET
More results

Similar Description - TSM230N06CPROG

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM60N06 TSC-TSM60N06 Datasheet
71Kb / 4P
60V N-Channel Power MOSFET
TSM210N06 TSC-TSM210N06 Datasheet
68Kb / 4P
60V N-Channel Power MOSFET
TSM100N06 TSC-TSM100N06 Datasheet
611Kb / 6P
60V N-Channel Power MOSFET
TSM60N06 TSC-TSM60N06_15 Datasheet
302Kb / 4P
60V N-Channel Power MOSFET
TSM230N06PQ56 TSC-TSM230N06PQ56 Datasheet
783Kb / 6P
60V N-Channel Power MOSFET
TSM340N06 TSC-TSM340N06 Datasheet
924Kb / 9P
60V N-Channel Power MOSFET
TSM900N06 TSC-TSM900N06 Datasheet
594Kb / 8P
60V N-Channel Power MOSFET
logo
ACE Technology Co., LTD...
ACE11560LA ACE-ACE11560LA Datasheet
233Kb / 3P
60V N-Channel Power MOSFET
VER 1.1
logo
Guangdong Youtai Semico...
25N06 UMW-25N06 Datasheet
780Kb / 8P
60V N-Channel Power Mosfet
35N06 UMW-35N06 Datasheet
781Kb / 8P
60V N-Channel Power Mosfet
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com