Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TSM260P02CX6RFG Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TSM260P02CX6RFG
Description  20V P-Channel Power MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSM260P02CX6RFG Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TSM260P02CX6RFG Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSM260P02CX6RFG Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSM260P02CX6RFG Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSM260P02CX6RFG Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSM260P02CX6RFG Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
TSM260P02CX6
20V P-Channel Power MOSFET
2/5
Version: A15
Electrical Specifications (T
C = 25°C unless otherwise noted)
Parameter
Conditions
Symbol
Min
Typ
Max
Unit
Static
Drain-Source Breakdown Voltage
VGS = 0V, ID = -250µA
BVDSS
-20
--
--
V
Drain-Source On-State Resistance
VGS = -4.5V, ID = -5A
RDS(ON)
--
21
26
m
Ω
VGS = -2.5V, ID = -4A
--
26
32
VGS = -1.8V, ID = -3A
--
32
40
Gate Threshold Voltage
VDS = VGS, ID = -250µA
VGS(TH)
-0.3
-0.6
-1.0
V
Zero Gate Voltage Drain Current
VDS = -20V, VGS = 0V
IDSS
--
--
-1
µA
VDS = -16V, TJ = 125°C
--
--
-10
Gate Body Leakage
VGS = ±10V, VDS = 0V
IGSS
--
--
±100
nA
Forward Transconductance
(Note 2)
VDS = -10V, IS = -5A
gfs
--
15
--
S
Dynamic
Total Gate Charge
(Note 2,3)
VDS = -10V, ID = -5A,
VGS =- 4.5V
Qg
--
19.5
--
nC
Gate-Source Charge
(Note 2,3)
Qgs
--
2
--
Gate-Drain Charge
(Note 2,3)
Qgd
--
3.6
--
Input Capacitance
VDS = -15V, VGS = 0V,
f = 1.0MHz
Ciss
--
1670
--
pF
Output Capacitance
Coss
--
220
--
Reverse Transfer Capacitance
Crss
--
120
--
Switching
Turn-On Delay Time
(Note 2,3)
VDD = -10V, ID = -1A,
VGS = -4.5V, RGEN =25Ω
td(on)
--
10.4
--
ns
Turn-On Rise Time
(Note 2,3)
tr
--
37.5
--
Turn-Off Delay Time
(Note 2,3)
td(off)
--
89.1
--
Turn-Off Fall Time
(Note 2,3)
tf
--
24.6
--
Source-Drain Diode Ratings and Characteristic
Maximum Continuous Drain-Source
Diode Forward Current
Integral reverse diode in
the MOSFET
IS
--
--
-6.5
A
Maximum Pulse Drain-Source Diode
Forward Current
ISM
--
--
-26
A
Diode-Source Forward Voltage
VGS = 0V, IS = -1A
VSD
--
--
-1
V
Note:
1.
Pulse width limited by safe operating area
2.
Pulse test: pulse width
≤ 300µs, duty cycle ≤ 2%
3.
Switching time is essentially independent of operating temperature.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com