Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TSM500N03CPROG Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TSM500N03CPROG
Description  30V N-Channel Power MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSM500N03CPROG Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TSM500N03CPROG Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSM500N03CPROG Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSM500N03CPROG Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSM500N03CPROG Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSM500N03CPROG Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TSM500N03
30V N-Channel Power MOSFET
1/5
Version: A14
TO-252
(DPAK)
Key Parameter Performance
Parameter
Value
Unit
VDS
30
V
RDS(on) (max)
VGS = 10V
50
mΩ
VGS = 4.5V
80
Qg
4
nC
Application
Portable application
DC to DC converter
Block Diagram
N-Channel MOSFET
Ordering Information
Part No.
Package
Packing
TSM500N03CP ROG
TO-252
2.5kpcs / 13” Reel
Note: “G” denotes for Halogen- and Antimony-free as those which contain
<900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl)
and <1000ppm antimony compounds
Absolute Maximum Ratings (TC=25°C unless otherwise noted)
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
30
V
Gate-Source Voltage
VGS
±20
V
Continuous Drain Current
TC=25°C
ID
12.5
A
TC=100°C
8
A
Pulsed Drain Current
(Note 1)
IDM
40
A
Power Dissipation @ TC=25
oC
PD
12.5
W
Operating Junction Temperature
TJ
150
°C
Storage Temperature Range
TSTG
-55 to +150
°C
Thermal Performance
Parameter
Symbol
Limit
Unit
Thermal Resistance - Junction to Case
RӨJC
10
°C/W
Thermal Resistance - Junction to Ambient
RӨJA
110
Pin Definition:
1. Gate
2. Drain
3. Source


Similar Part No. - TSM500N03CPROG

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM500P02CX TSC-TSM500P02CX Datasheet
400Kb / 5P
20V P-Channel Power MOSFET
TSM500P02CXRFG TSC-TSM500P02CXRFG Datasheet
400Kb / 5P
20V P-Channel Power MOSFET
TSM500P02D TSC-TSM500P02D Datasheet
244Kb / 6P
P-Channel Power MOSFET
TSM500P02DCQ TSC-TSM500P02DCQ Datasheet
515Kb / 5P
20V Dual P-Channel MOSFET
TSM500P02DCQRFG TSC-TSM500P02DCQRFG Datasheet
515Kb / 5P
20V Dual P-Channel MOSFET
More results

Similar Description - TSM500N03CPROG

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AHK6030LX ANALOGICTECH-AHK6030LX Datasheet
244Kb / 4P
30V N-Channel Power MOSFET
AAT9460 ANALOGICTECH-AAT9460 Datasheet
145Kb / 6P
30V N-Channel Power MOSFET
AAT9060 ANALOGICTECH-AAT9060 Datasheet
141Kb / 6P
30V N-Channel Power MOSFET
logo
Taiwan Semiconductor Co...
TSM35N03PQ56 TSC-TSM35N03PQ56 Datasheet
93Kb / 4P
30V N-Channel Power MOSFET
TSM40N03PQ33 TSC-TSM40N03PQ33 Datasheet
107Kb / 4P
30V N-Channel Power MOSFET
TSM15N03PQ33 TSC-TSM15N03PQ33 Datasheet
107Kb / 4P
30V N-Channel Power MOSFET
TSM040N03CP TSC-TSM040N03CP Datasheet
370Kb / 5P
30V N-Channel Power MOSFET
TSM042N03CS TSC-TSM042N03CS Datasheet
275Kb / 5P
30V N-Channel Power MOSFET
TSM60N03 TSC-TSM60N03_15 Datasheet
303Kb / 4P
30V N-Channel Power MOSFET
TSM180N03CS TSC-TSM180N03CS Datasheet
325Kb / 5P
30V N-Channel Power MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com