Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LED23 Datasheet(PDF) 3 Page - Roithner LaserTechnik GmbH

Part # LED23
Description  mid-ir led
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

LED23 Datasheet(HTML) 3 Page - Roithner LaserTechnik GmbH

  LED23 Datasheet HTML 1Page - Roithner LaserTechnik GmbH LED23 Datasheet HTML 2Page - Roithner LaserTechnik GmbH LED23 Datasheet HTML 3Page - Roithner LaserTechnik GmbH LED23 Datasheet HTML 4Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
www.roithner-laser.com
3
Outline Dimensions
All Dimensions in mm
Operating Regime
We recommend to use Quasi Continuous Wave (qCW) mode with duty cycle 50% or 25% to obtain maximum
average optical power, and short Pulse mode to obtain maximum peak power.
CW (continuous wave) mode is NOT recommended!
LED23
TO-18, without window
Material – kovar, finish – gold/plating
Lead
Description
PIN 1
LD Anode
PIN 2
LD Cathode
LED Basic Circuit Connection
Suitable Drivers And Evaluation Boards
D-31M
D-41
D-51
mD-1c
mD-1p
Quasi Continuous Wave (qCW) mode
Pulse Mode



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com