Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LED34-TEC Datasheet(PDF) 1 Page - Roithner LaserTechnik GmbH

Part # LED34-TEC
Description  LIGHT EMITTING DIODES
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

LED34-TEC Datasheet(HTML) 1 Page - Roithner LaserTechnik GmbH

  LED34-TEC Datasheet HTML 1Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
LIGHT EMITTING DIODES
1.6
÷÷4.6
µµm
M
Mo
od
de
ell L
LE
ED
D3
34
4--T
TE
EC
C
3
3..4
4
µµµµm
m 2
24
4
µµµµW
W
•Light Emitting Diodes LED34-TEC are designed for emitting at a spectral range
around 3400 nm. Thermocooler and thermoresistor are mounted inside 9 mm
package TO-5. Heterostructures (HS) are grown on InAs substrates
•Light Emitting Diodes LED34-TEC are developed for using in optical gas
sensors and medical diagnostics. Such construction gives possibility for
temperature stabilization of LED parameters. Lifetime is more then 10000 hours.
•Related products: LED34 can be used in optical pair with our photodiodes
PD36. Our standard LED Driver provides power supply of LED34-TEC in two
recommended here regimes (Quasi-CW and Pulsed).
Parameters
Min
Typ
Max
Wavelength,
µm
3.30
3.40
3.50
FWHM,
µm
0.60
0.70
0.80
Optical Power,
µW
Quasi-CW @ 200 mA
Pulsed@2A
20
320
24
400
28
480
Switching Time, ns
10
30
50
Range of temperature
control
oC
-10
÷+60
Emitting Area,
µm
300x300
Soldering
temperature
95
oC
Package
TO-5 with thermocooler
and thermistor
Main thermocooler parameters (without load)
Imax
Qmax
Umax
∆T
max
(Amps) (Watts) (Volts)
°C
0.7
0.4
1.0
67
LED chip
Thermoresistor
TEC
LEAD
TOP SIDE VIEW
Thermoresistor
Thermoresistor
LED34 typical spectra at different temperatures
0
5
10
15
20
25
30
35
40
45
2500 2700 2900 3100 3300 3500 3700 3900 4100 4300 4500
Wavelength, nm
T=4°C
T=21°C
T=47°C
LED34 - typical power vs. current
characteristic at different
temperatures
0
4
8
12
16
20
24
28
32
0
50
100
150
200
Current, mA
T=4°C
T=21°C
T=47°C
c
LED34 - typical Current-voltage
characteristic
-40
-30
-20
-10
0
10
20
30
40
-1
-0,8 -0,6 -0,4 -0,2
0
0,2 0,4
Voltage, V
Far field pattern
with and without reflector
LED34 (without reflector)
LED34-PR (with reflector)
Package TO-5
Recommended regimes of
LED operation
Quasi-CW
200 mA
250
µs
1
µs
2 A
500
µs
f=2 kHz
f=2 kHz
Pulsed
250
µs
0
10
20
30
40
50
-20
0
20
40
60
Temperature, C


Similar Part No. - LED34-TEC

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
LED34-TEC-PR ROITHNER-LED34-TEC-PR Datasheet
75Kb / 1P
LIGHT EMITTING DIODES
More results

Similar Description - LED34-TEC

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LRS250 SIEMENS-LRS250 Datasheet
102Kb / 4P
LIGHT EMITTING DIODES
logo
Panasonic Semiconductor
LN242RPH PANASONIC-LN242RPH_08 Datasheet
315Kb / 3P
Light Emitting Diodes
LNG901CFB PANASONIC-LNG901CFB Datasheet
383Kb / 3P
Light Emitting Diodes
logo
Roithner LaserTechnik G...
LED38-PR ROITHNER-LED38-PR Datasheet
102Kb / 1P
LIGHT EMITTING DIODES
LED38-TEC ROITHNER-LED38-TEC Datasheet
102Kb / 1P
LIGHT EMITTING DIODES
LED46-PR ROITHNER-LED46-PR Datasheet
108Kb / 1P
LIGHT EMITTING DIODES
LED18-TEC-PR ROITHNER-LED18-TEC-PR Datasheet
112Kb / 1P
LIGHT EMITTING DIODES
LED31 ROITHNER-LED31 Datasheet
104Kb / 1P
LIGHT EMITTING DIODES
LED43-PR ROITHNER-LED43-PR Datasheet
78Kb / 1P
LIGHT EMITTING DIODES
LED46 ROITHNER-LED46 Datasheet
103Kb / 1P
LIGHT EMITTING DIODES
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com