Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LED660N-03 Datasheet(PDF) 4 Page - Roithner LaserTechnik GmbH

Part # LED660N-03
Description  Infrared LED
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

LED660N-03 Datasheet(HTML) 4 Page - Roithner LaserTechnik GmbH

  LED660N-03 Datasheet HTML 1Page - Roithner LaserTechnik GmbH LED660N-03 Datasheet HTML 2Page - Roithner LaserTechnik GmbH LED660N-03 Datasheet HTML 3Page - Roithner LaserTechnik GmbH LED660N-03 Datasheet HTML 4Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
12.12.2011
LED660N-03
4 of 4
Recommended Land Layout (Unit: mm)
3. Soldering Conditions
•
Solder the LEDs no closer than 3 mm from the base of the lead.
•
DO NOT apply any stress to the lead particularly when heat.
•
The LEDs must not be reposition after soldering.
•
After soldering the LEDs, the lead should be protected from mechanical shock or vibration until the
LEDs return to room temperature.
•
When it is necessary to clamp the LEDs to prevent soldering failure, it is important to minimize the
mechanical stress on the LEDs.
•
Cut the LED leads at room temperature. Cutting the leads at high temperature may cause the failure
of the LEDs.
Soldering Conditions
4. Static Electricity
•
The LEDs are very sensitive to Static Electricity and surge voltage. So it is recommended that a wrist
band or an anti-electrostatic glove be used when handling the LEDs.
•
All devices, equipment and machinery must be grounded properly. It is recommended that precautions
should be taken against surge voltage to the equipment that mounts the LEDs.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com