Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LF3320 Datasheet(PDF) 21 Page - LOGIC Devices Incorporated

Part # LF3320
Description  Horizontal Digital Image Filter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LODEV [LOGIC Devices Incorporated]
Direct Link  http://www.logicdevices.com
Logo LODEV - LOGIC Devices Incorporated

LF3320 Datasheet(HTML) 21 Page - LOGIC Devices Incorporated

Back Button LF3320 Datasheet HTML 16Page - LOGIC Devices Incorporated LF3320 Datasheet HTML 17Page - LOGIC Devices Incorporated LF3320 Datasheet HTML 18Page - LOGIC Devices Incorporated LF3320 Datasheet HTML 19Page - LOGIC Devices Incorporated LF3320 Datasheet HTML 20Page - LOGIC Devices Incorporated LF3320 Datasheet HTML 21Page - LOGIC Devices Incorporated LF3320 Datasheet HTML 22Page - LOGIC Devices Incorporated LF3320 Datasheet HTML 23Page - LOGIC Devices Incorporated LF3320 Datasheet HTML 24Page - LOGIC Devices Incorporated  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
DEVICES INCORPORATED
Video Imaging Products
2-21
LF3320
Horizontal Digital Image Filter
08/16/2000–LDS.3320-N
123456789012345678901234567
123456789012345678901234567
123456789012345678901234567
123456789012345678901234567
123456789012345678901234567
123456789012345678901234567
123456789012345678901234567
123456789012345678901234567
123456789012345678901234567
123456789012345678901234567
123456789012345678901234567
123456789012345678901234567
123456789012345678901234567
123456789012345678901234567
123456789012345678901234567
123456789012345678901234567
123456789012345678901234567
123456789012345678901234567
123456789012345678901234567
123456789012345678901234567
123456789012345678901234567
123456789012345678901234567
123456789012345678901234567
123456789012345678901234567
123456789012345678901234567
123456789012345678901234567
123456789012345678901234567
123456789012345678901234567
123456789012345678901234567
123456789012345678901234567
123456789012345678901234567
123456789012345678901234567
123456789012345678901234567
123456789012345678901234567
123456789012345678901234567
123456789012345678901234567
123456789012345678901234567
123456789012345678901234567
123456789012345678901234567
123456789012345678901234567
123456789012345678901234567
123456789012345678901234567
123456789012345678901234567
123456789012345678901234567
123456789012345678901234567
123456789012345678901234567
123456789012345678901234567
123456789012345678901234567
LF3320–
25*
18*
15
12
Symbol
Parameter
Min
Max
Min
Max
Min
Max
Min
Max
tCYC
CycleTime
25
18
15
12
tPWL
Clock Pulse Width Low
10
8
7
5
tPWH
Clock Pulse Width High
10
8
7
5
tS
Input Setup Time
8
6
5
4
tH
Input Hold Time
0
0
0
0
tSCT
Setup Time Control Inputs
8
6
5
4
tHCT
Hold Time Control Inputs
0
0
0
0
tSCC
Setup Time Coefficient Control Inputs
8
6
5
4
tHCC
Hold Time Coefficient Control Inputs
0
0
0
0
tD
Output Delay
13
11
9
7
tDCC
Cascade Output Delay
13
11
9
7.5
tDIS
Three-State Output Disable Delay (Note 11)
15
13
12
10
tENA
Three-State Output Enable Delay (Note 11)
15
13
12
10
SWITCHING CHARACTERISTICS
COMMERCIAL OPERATING RANGE (0°C to +70°C) Notes 9, 10 (ns)
SWITCHING WAVEFORMS:DATA I/O
CLK
DIN11-0
CONTROLS
tPWH
tPWL
tCYC
CAB7-0
(Except OED & OEC)
DOUT15-0
123456
tH
tS
DIN/RINN
DIN/RINN+1
tD
tDIS
HIGH IMPEDANCE
tENA
OUTPUTN-1
7
OUTPUTN
RIN11-0
CAA/CABN
CAA/CABN+1
CAA7-0
OEC
OED
ROUT11-0/COUT11-0
tDCC
tDIS
HIGH IMPEDANCE
tENA
OUTPUTN-1
OUTPUTN
tHCT
tSCT
tHCC
tSCC
123456789012345678901234
123456789012345678901234
123456789012345678901234
123456789012345678901234
*DISCONTINUED SPEED GRADE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com