Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MTE2077N1-R Datasheet(PDF) 1 Page - Marktech Corporate

Part # MTE2077N1-R
Description  Visible Red Emitter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

MTE2077N1-R Datasheet(HTML) 1 Page - Marktech Corporate

  MTE2077N1-R_15 Datasheet HTML 1Page - Marktech Corporate MTE2077N1-R_15 Datasheet HTML 2Page - Marktech Corporate MTE2077N1-R_15 Datasheet HTML 3Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Absolute Maximum Ratings (Ta=25ºC)
ITEMS
SYMBOL
RATINGS
UNIT
Forward Current (DC)
IF
50
mA
Forward Current (Pulse)*1
IFP
0.5
A
Reverse Voltage
VR
5
V
Power Dissipation
PD
100
mW
Operating Temperature Range
Topr
-20 ~ +80
ºC
Storage Temperature Range
Tstg
-30 ~ +100
ºC
Junction Temperature
Tj
100
ºC
Lead Soldering Temperature*2
Tls
260
ºC
*1: Tw=10µsec, T=10msec; *2: Time 5 Sec max, Position: Up to 3mm from the body.
Peak Emission Wavelength: 765nm
The MTE2077N1-R is a red T 1 3/4, 5mm water clear emitter designed for applications requiring high
power output and high reliability in a narrow angle package.
FEATURES
> High Reliability
> Narrow Beam Angle
> High Output Power
APPLICATIONS
> Optical Sensors
> Optical Switches
> Medical Application
Electrical & Optical Characteristics (Ta = 25ºC)
ITEMS
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
Power Output
PO
IF=20mA
--
8.0
--
mW
Forward Voltage
VF
IF=20mA
--
1.55
1.90
V
Reverse Current
IR
VR=5V
--
--
100
µA
Peak Emission Wavelength
λp
IF=20mA
--
765
--
nm
Spectral Line Half Width
∆
λ
IF=20mA
--
35
--
nm
Half Intensity Beam Angle
Ө
IF=20mA
--
±8
--
deg
Visible Red Emitter
Product No:
MTE2077N1-R
Global Headquarters, 3 Northway Lane North, Latham, NY 12110, USA
www.marktechopto.com
TOLL FREE:
1-800-984-5337 • PHONE: 518-956-2980 • FAX: 518-785-4725 • EMAIL: info@marktechopto.com
1
2012-10-17


Similar Part No. - MTE2077N1-R_15

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MTE2077N1-R MARKTECH-MTE2077N1-R Datasheet
629Kb / 3P
Visible Red Emitter
More results

Similar Description - MTE2077N1-R_15

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MT8060N2 MARKTECH-MT8060N2 Datasheet
71Kb / 2P
Red Visible Emitter
MTE7710 MARKTECH-MTE7710 Datasheet
57Kb / 2P
Red Visible Emitter
MTE7710N MARKTECH-MTE7710N Datasheet
55Kb / 2P
Red Visible Emitter
MTE1074N1 MARKTECH-MTE1074N1 Datasheet
591Kb / 4P
Visible Red Emitter
MTE5063C5-UR MARKTECH-MTE5063C5-UR Datasheet
617Kb / 3P
Visible Red Emitter
MTE7000N2 MARKTECH-MTE7000N2 Datasheet
560Kb / 4P
Visible Red Emitter
MTE5063C5-UR MARKTECH-MTE5063C5-UR_15 Datasheet
617Kb / 3P
Visible Red Emitter
MTE5066C MARKTECH-MTE5066C_15 Datasheet
582Kb / 4P
Visible Red Emitter
MTE5066CJ MARKTECH-MTE5066CJ_15 Datasheet
554Kb / 4P
Visible Red Emitter
MTE5066S1J MARKTECH-MTE5066S1J_15 Datasheet
652Kb / 4P
Visible Red Emitter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com