Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RC-LED-650-02 Datasheet(PDF) 3 Page - Roithner LaserTechnik GmbH

Part # RC-LED-650-02
Description  resonant cavity led module
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

RC-LED-650-02 Datasheet(HTML) 3 Page - Roithner LaserTechnik GmbH

  RC-LED-650-02 Datasheet HTML 1Page - Roithner LaserTechnik GmbH RC-LED-650-02 Datasheet HTML 2Page - Roithner LaserTechnik GmbH RC-LED-650-02 Datasheet HTML 3Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
www.roithner-laser.com
3
Precaution for Use
1. Cautions
DO NOT look directly into the emitted light or look through the optical system. To prevent in
adequate exposure of the radiation, wear protective glasses.
2.
Lead Forming
•
When forming leads, the leads should be bent at a point at least 3 mm from the base of
the lead. DO NOT use the base of the lead frame as a fulcrum during lead forming.
•
Lead forming should be done before soldering.
•
DO NOT apply any bending stress to the base of the lead. The stress to the base may
damage the LED’s characteristics or it may break the LEDs.
•
When mounted the LEDs onto the printed circuit board, the holes on the circuit board
should be exactly aligned with the leads of LEDs. If the LEDs are mounted with stress at
the leads, it causes deterioration of the lead and it will degrade the LEDs.
3.
Soldering Conditions
•
Solder the LEDs no closer than 3 mm from the base of the lead.
•
DO NOT apply any stress to the lead particularly when heat.
•
The LEDs must not be reposition after soldering.
•
After soldering the LEDs, the lead should be protected from mechanical shock or vibration
until the LEDs return to room temperature.
•
When it is necessary to clamp the LEDs to prevent soldering failure, it is important to
minimize the mechanical stress on the LEDs.
•
Cut the LED leads at room temperature. Cutting the leads at high temperature may cause
the failure of the LEDs.
4.
Static Electricity
•
The LEDs are very sensitive to Static Electricity and surge voltage. So it is recommended
that a wrist band or an anti-electrostatic glove be used when handling the LEDs.
•
All devices, equipment and machinery must be grounded properly. It is recommended that
precautions should be taken against surge voltage to the equipment that mounts the
LEDs.
© All Rights Reserved
The above specifications are for reference purpose only and subjected to change without prior notice



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com