Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SP07N65 Datasheet(PDF) 4 Page - SamHop Microelectronics Corp.

Part # SP07N65
Description  Super high dense cell design for low RDS(ON).
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

SP07N65 Datasheet(HTML) 4 Page - SamHop Microelectronics Corp.

  SP07N65 Datasheet HTML 1Page - SamHop Microelectronics Corp. SP07N65 Datasheet HTML 2Page - SamHop Microelectronics Corp. SP07N65 Datasheet HTML 3Page - SamHop Microelectronics Corp. SP07N65 Datasheet HTML 4Page - SamHop Microelectronics Corp. SP07N65 Datasheet HTML 5Page - SamHop Microelectronics Corp. SP07N65 Datasheet HTML 6Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
SP07N65
Ver 1.0
www.samhop.com.tw
May,26,2014
4
VGS, Gate-to-Source Voltage(V)
Figure 7. On-Resistance vs.
Gate-Source Voltage
VSD, Body Diode Forward Voltage(V)
Figure 8. Body Diode Forward Voltage
Variation with Source Current
VDS, Drain-to-Source Voltage(V)
Figure 9. Capacitance
Qg, Total Gate Charge(nC)
Figure 10. Gate Charge
Rg, Gate Resistance(
Ω)
Figure 11. switching characteristics
VDS, Drain-Source Voltage(V)
Figure 12. Maximum Safe Operating Area
110
100
1
10
1000
TD(on)
Tr
6
5
4
3
2
1
0
0
125 C
25 C
ID=0.5A
75 C
20.0
10.0
1.0
0
0.3
0.6
0.9
1.2
1.5
5.0
25 C
125 C
75 C
0.1
1
10
100
1
0.1
0.01
10
8
6
4
2
0
VDS=325V
ID=0.5A
10
8
6
4
2
0
20
15
10
5
VDS=325V,ID=0.5A
VGS=10V
100
TD(off )
Tf
VGS=10V
Single Pulse
TA=25 C
1000
10
0ms
10ms
10
0us
010
20
30
40
1500
1250
1000
750
500
250
0
Ciss
Crss
Coss
50
10



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com