Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTM4605 Datasheet(PDF) 21 Page - Linear Technology

Part # LTM4605
Description  High Efficiency Buck-Boost DC/DC Module Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4605 Datasheet(HTML) 21 Page - Linear Technology

Back Button LTM4605_15 Datasheet HTML 17Page - Linear Technology LTM4605_15 Datasheet HTML 18Page - Linear Technology LTM4605_15 Datasheet HTML 19Page - Linear Technology LTM4605_15 Datasheet HTML 20Page - Linear Technology LTM4605_15 Datasheet HTML 21Page - Linear Technology LTM4605_15 Datasheet HTML 22Page - Linear Technology LTM4605_15 Datasheet HTML 23Page - Linear Technology LTM4605_15 Datasheet HTML 24Page - Linear Technology LTM4605_15 Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
LTM4605
21
4605fd
For more information www.linear.com/LTM4605
typical applications
VOUT
PGOOD
FCB
RUN
SW1
SW2
EXTVCC
STBYMD
SS
VFB
SGND
PLLIN
LTM4605
L1
3.3µH
RFB
7.15k
22µF
25V
x2
330µF
25V
4605 TA04
VOUT
12V
5A
VIN
PGND
VIN
4.5V TO 20V
C3
0.1µF
10µF
35V
x2
+
ON/OFF
COMP
INTVCC
RSENSE
SENSE–
PLLFLTR
R2
7m
SENSE+
R3
1k
R1
1.5k
Figure 16. Wide Input Mode with 4.5V to 20V Input, 12V at 5A Output
R3
1k
R1
1.5k
VOUT
PGOOD
FCB
RUN
SW1
SW2
EXTVCC
STBYMD
SS
VFB
SGND
PLLIN
LTM4605
L1
2.5µH
RFB
19k
100µF
25V
4605 TA05
VOUT
5V
12A
VIN
PGND
VIN
4.5V TO 20V
C3
0.1µF
10µF
35V
x2
2200pF
+
ON/OFF
COMP
INTVCC
RSENSE
SENSE–
PLLFLTR
R2
8m
SENSE+
2
OPTIONAL
Figure 17. 5V at 12A Design with Low Switching Noise (Optional)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com