Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STF443 Datasheet(PDF) 6 Page - SamHop Microelectronics Corp.

Part # STF443
Description  Super high dense cell design for low RDS(ON).
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STF443 Datasheet(HTML) 6 Page - SamHop Microelectronics Corp.

  STF443 Datasheet HTML 1Page - SamHop Microelectronics Corp. STF443 Datasheet HTML 2Page - SamHop Microelectronics Corp. STF443 Datasheet HTML 3Page - SamHop Microelectronics Corp. STF443 Datasheet HTML 4Page - SamHop Microelectronics Corp. STF443 Datasheet HTML 5Page - SamHop Microelectronics Corp. STF443 Datasheet HTML 6Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
STF443
www.samhop.com.tw
Apr,26,2013
6
PACKAGE OUTLINE DIMENSIONS
Ver 1.0
TOP VIEW
TDFN 2x2-6L
BOTTOM VIEW
SIDE VIEW
SYMBOLS
MILLIMETERS
A
A1
b
c
D
D1
E
MIN
MAX
0.550
0.650
0.000
0.050
0.250
0.350
0.200
0.300
E1
E2
e
f
1.100 REF.
0.950
1.050
0.650 BSC.
NOM
0.600
0.300
0.250
1.000
1.950
2.000
2.050
0.740
0.790
0.840
1.950
2.000
2.050
TDFN
(2 x 2) 06L
1
PIN #1 DOT
BY MARKING
PIN #1 ID
CHAMFER 0.300mm
D
E
A
A1
L1
E1
E2
D1
b
e
c
L
f
0.200
0.300
0.250
L
L1
1.150
1.250
1.200
0.144
0.160
0.152



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com