Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPD78CP18 Datasheet(PDF) 21 Page - NEC

Part # UPD78CP18
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD78CP18 Datasheet(HTML) 21 Page - NEC

Back Button UPD78CP18 Datasheet HTML 17Page - NEC UPD78CP18 Datasheet HTML 18Page - NEC UPD78CP18 Datasheet HTML 19Page - NEC UPD78CP18 Datasheet HTML 20Page - NEC UPD78CP18 Datasheet HTML 21Page - NEC UPD78CP18 Datasheet HTML 22Page - NEC UPD78CP18 Datasheet HTML 23Page - NEC UPD78CP18 Datasheet HTML 24Page - NEC UPD78CP18 Datasheet HTML 25Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 50 page
background image
21
µPD78CP18(A)
Caution When +12.5 V is applied to VPP and +6 V is applied to VDD, setting both CE and OE to “L” is prohibited.
Table 4-3. Recommended Connection of Unused Pins (in PROM Programming Mode)
Operating Mode
CENote OENote
VPPNote
VDDNote
RESET
MODE0
MODE1
Program
L
H
+12.5 V
+6 V
L
H
L
Program verify
H
L
Program inhibit
H
H
Read
L
L
+5 V
+5 V
Output disable
L
H
Standby
H
L/H
Note
These pins correspond to the
µPD27C256A.
4.1
PROM PROGRAMMING OPERATING MODES
The PROM programming operating mode is set as shown in Table 4-2. Pins not used for programming should
be handled as shown in Table 4-3.
Table 4-2. PROM Programming Modes
Pin
Recommended Connection
INT1
Connect to VSS.
X1
AN0 to AN7
VAREF
AVDD
AVSS
Pins other than the
Connect to VSS via individual resistor.
above
X2
Leave open.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com