Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HVC369B Datasheet(PDF) 1 Page - Leshan Radio Company

Part # HVC369B
Description  Variable Capacitance Diode for VCO
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

HVC369B Datasheet(HTML) 1 Page - Leshan Radio Company

  HVC369B Datasheet HTML 1Page - Leshan Radio Company HVC369B Datasheet HTML 2Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LESHAN RADIO COMPANY, LTD.
HVC369B–1/2
Variable Capacitance Diode
for VCO
FEATURES
• Low capacitance and to be usable at GHz.
• High capacitance ratio. (n = 2.3 min)
• Low series resistance. (rs = 0.5
Ωmax)
• Ultra small Flat Package (UFP) is suitable for surface mount
design.
2
ANODE
1
CATHODE
SOD– 523
1
2
HVC369B
DEVICE MARKING
HVC369B = B3
ABSOLUTE MAXIMUM RATINGS (TA = 25°C)
Item
Symbol
Value
Unit
Reversevoltage
VR
15
V
Junction temperature
Tj
125
°C
Storage temperature
Tstg
– 55 to +125
°C
Notes
1.RL=10k
Ω
ELECTRICAL CHARACTERISTICS (TA = 25°C)
Item
Symbol
Min
Typ
Max
Unit
Test Condition
Reverse current
IR1
––
10
nA
VR = 15V
IR2
–
–
100
VR = 15V, TA = 60°C
Capacitance
C1
4.65
–
5.15
pF
VR = 1V, f = 1 MHz
C4
1.85
–
2.15
VR = 4V, f = 1 MHz
Capacitance ratio
n
2.3
–
–
–
C1/ C4
Series resistance
rs
–
–
0.5
Ω
VR=1V, f = 470 MHz


Similar Part No. - HVC369B

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HVC369B HITACHI-HVC369B Datasheet
20Kb / 5P
Variable Capacitance Diode for VCO
logo
Renesas Technology Corp
HVC369B RENESAS-HVC369B Datasheet
235Kb / 5P
Variable Capacitance Diode for VCO
More results

Similar Description - HVC369B

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HVC372B HITACHI-HVC372B Datasheet
24Kb / 5P
Variable Capacitance Diode for VCO
HVC379B HITACHI-HVC379B Datasheet
20Kb / 5P
Variable Capacitance Diode for VCO
HVD355B HITACHI-HVD355B Datasheet
36Kb / 5P
Variable Capacitance Diode for VCO
logo
Renesas Technology Corp
HVC381B RENESAS-HVC381B Datasheet
140Kb / 5P
Variable Capacitance Diode for VCO
logo
Hitachi Semiconductor
HVD369B HITACHI-HVD369B Datasheet
35Kb / 5P
Variable Capacitance Diode for VCO
logo
Renesas Technology Corp
HVC386B RENESAS-HVC386B Datasheet
139Kb / 5P
Variable Capacitance Diode for VCO
HVL375B RENESAS-HVL375B Datasheet
65Kb / 5P
Variable Capacitance Diode for VCO
HVD350B RENESAS-HVD350B Datasheet
141Kb / 5P
Variable Capacitance Diode for VCO
RKV601KP RENESAS-RKV601KP Datasheet
66Kb / 5P
Variable Capacitance Diode for VCO
RKV604KL RENESAS-RKV604KL Datasheet
53Kb / 5P
Variable Capacitance Diode for VCO
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com