Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

XC9401 Datasheet(PDF) 3 Page - Torex Semiconductor

Part # XC9401
Description  Off-line Controllers for LED Lighting
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9401 Datasheet(HTML) 3 Page - Torex Semiconductor

  XC9401_15 Datasheet HTML 1Page - Torex Semiconductor XC9401_15 Datasheet HTML 2Page - Torex Semiconductor XC9401_15 Datasheet HTML 3Page - Torex Semiconductor XC9401_15 Datasheet HTML 4Page - Torex Semiconductor XC9401_15 Datasheet HTML 5Page - Torex Semiconductor XC9401_15 Datasheet HTML 6Page - Torex Semiconductor XC9401_15 Datasheet HTML 7Page - Torex Semiconductor XC9401_15 Datasheet HTML 8Page - Torex Semiconductor XC9401_15 Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
3/19
XC9401
Series
PRODUCT CLASSIFICATION
●Ordering Information
XC9401①②③④⑤⑥-⑦
DESIGNATOR
ITEM
SYMBOL
DESCRIPTION
A
Type
B
Refer to Selection Guide
OFF Time
6
OFF Time is fixed in 6μs
③④
Accuracy
05
ISEN Voltage Accuracy is ±5%
⑤⑥-⑦
(*1)
Package
(Order Unit)
MR-G
SOT-26 (3,000/Reel)
(*1) The “-G” suffix denotes Halogen and Antimony free as well as being fully RoHS compliant.
●Selection Guide
TYPE
COMPARISON WITH ISEN
PWM DIMMING
DESCRIPTION
A
"VSINE" × 0.2783
Yes
Type A is suitable for PFC circuit.
B
"VREF" × 0.278
Yes
Type B is suitable for constant LED current circuit.
PIN CONFIGURATION
PIN ASSIGNMENT
PIN NUMBER
SOT-26
PIN NAME
FUNCTIONS
1
ISEN
Current Feedback
2
VDD
Power Input
3
GATE
External Power MOS Drive
4
EN/DIM
Active / Stand-by / PWM Dimming Control
5
GND
Ground
Type A: VSINE
VSINE Pin: Current Feedback Reference Voltage Input.
6
Type B: NF
NF Pin: No Function. Please connect to GND.
*Type A
*Type B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com