Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CUN6AF1B Datasheet(PDF) 15 Page - Roithner LaserTechnik GmbH

Part # CUN6AF1B
Description  High power UV LED series are designed
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

CUN6AF1B Datasheet(HTML) 15 Page - Roithner LaserTechnik GmbH

Back Button CUN6AF1B Datasheet HTML 11Page - Roithner LaserTechnik GmbH CUN6AF1B Datasheet HTML 12Page - Roithner LaserTechnik GmbH CUN6AF1B Datasheet HTML 13Page - Roithner LaserTechnik GmbH CUN6AF1B Datasheet HTML 14Page - Roithner LaserTechnik GmbH CUN6AF1B Datasheet HTML 15Page - Roithner LaserTechnik GmbH CUN6AF1B Datasheet HTML 16Page - Roithner LaserTechnik GmbH CUN6AF1B Datasheet HTML 17Page - Roithner LaserTechnik GmbH CUN6AF1B Datasheet HTML 18Page - Roithner LaserTechnik GmbH CUN6AF1B Datasheet HTML 19Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
서식Rev: 01
www.seoulviosys.com
www.seoulviosys.com
15
Pre-heating
200
180
150
0
[°C]
220
240
260
Rising
5 °C/sec
Tm: Reflowmachine setting temp (max 30 sec.)
Ts : Surface temp of PCB(min)
Ts : Surface temp of PCB(max)
Ts : Surface temp of PCB(recommend)
Cooling
-5 °C/sec
Time
[Hr]
Reflow Soldering Profile
* Caution
1. Reflow soldering should not be done more than one time.
2. Repairs should not be done after the LEDs have been soldered. When
repair is unavoidable, suitable tools must be used.
3. Die slug is to be soldered.
4. When soldering, do not put stress on the LEDs during heating.
5. After soldering, do not warp the circuit board.
6. Recommend to use a convection type reflow machine with 7 ~ 8 zones.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com