Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC3545-1 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC3545-1
Description  Triple 800mA Synchronous Step-Down Regulator??.25MHz
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3545-1 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC3545-1_15 Datasheet HTML 4Page - Linear Technology LTC3545-1_15 Datasheet HTML 5Page - Linear Technology LTC3545-1_15 Datasheet HTML 6Page - Linear Technology LTC3545-1_15 Datasheet HTML 7Page - Linear Technology LTC3545-1_15 Datasheet HTML 8Page - Linear Technology LTC3545-1_15 Datasheet HTML 9Page - Linear Technology LTC3545-1_15 Datasheet HTML 10Page - Linear Technology LTC3545-1_15 Datasheet HTML 11Page - Linear Technology LTC3545-1_15 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
LTC3545/LTC3545-1
8
35451fb
FUNCTIONAL DIAGRAMS
IBIAS3
PGOOD3
(LTC3545-1
ONLY)
POWER
REG3
REG1
VFB3
SW3
IBIAS2
PGOOD2
POWER
REG2
VFB2
SW2
PGOOD1
VFB1
SW1
PVIN
PGND
0.6V
REF
OSC
VIN
RUN2
SYNC/MODE
(LTC3545
ONLY)
RUN1
RUN3
GNDA
SHDN
RUN
LOGIC
IBIAS100
POWER
3545 FD01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com