Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MMBT6517 Datasheet(PDF) 2 Page - Leshan Radio Company

Part # MMBT6517
Description  High Voltage Transistors(NPN Silicon)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

MMBT6517 Datasheet(HTML) 2 Page - Leshan Radio Company

  MMBT6517 Datasheet HTML 1Page - Leshan Radio Company MMBT6517 Datasheet HTML 2Page - Leshan Radio Company MMBT6517 Datasheet HTML 3Page - Leshan Radio Company MMBT6517 Datasheet HTML 4Page - Leshan Radio Company MMBT6517 Datasheet HTML 5Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
LESHAN RADIO COMPANY, LTD.
M23–2/5
MMBT6517LT1
ELECTRICAL CHARACTERISTICS (T A = 25°C unless otherwise noted) (Continued)
Characteristic
Symbol
Min
Max
Unit
ON CHARACTERISTICS
DC Current Gain
hFE
—
(I C = 1.0 mAdc, V CE = 10 Vdc)
20
—
(I C = 10mAdc, V CE = 10 Vdc)
30
—
(I C = 30 mAdc, V CE = 10 Vdc)
30
200
(I C = 50 mAdc, V CE = 10 Vdc)
20
200
(I C = 100 mAdc, V CE = 10 Vdc)
15
—
Collector–Emitter Saturation Voltage(3)
VCE(sat)
Vdc
(I C = 10mAdc, I B = 1.0mAdc)
—
0.30
(I C = 20 mAdc, I B = 2.0 mAdc)
—
0.35
(I C = 30 mAdc, I B = 3.0mAdc)
—
0.50
(I C = 50 mAdc, I B = 5.0 mAdc)
—
1.0
Base – Emitter Saturation Voltage
VBE(sat)
Vdc
(I C = 10mAdc, I B = 1.0mAdc,)
—
0.75
(I C = 20mAdc, I B = 2.0mAdc,)
—
0.85
(I C = 30mAdc, I B = 3.0mAdc,)
—
0.90
Base–Emitter On Voltage
V BE(on)
—
2.0
Vdc
(I C = 100mAdc, V CE = 10Vdc)
SMALL–SIGNAL CHARACTERISTICS
Current Gain–Bandwidth Product
f
T
40
200
MHz
(V CE = 20 Vdc, I C = 10mAdc, f = 20 MHz)
Collector –Base Capacitance
(V CB = 20 Vdc, f = 1.0 MHz)
C cb
—
6.0
pF
Emitter –Base Capacitance
C eb
—80
pF
(V EB=0.5 Vdc, f = 1.0 MHz)
3. Pulse Test: Pulse Width = 300
µs, Duty Cycle = 2.0%.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com