Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPD78C12AL Datasheet(PDF) 39 Page - NEC

Part # UPD78C12AL
Description  8-BIT SINGLE-CHIP MICROCOMPUTER WITH A/D CONVERTER
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD78C12AL Datasheet(HTML) 39 Page - NEC

Back Button UPD78C12AL Datasheet HTML 35Page - NEC UPD78C12AL Datasheet HTML 36Page - NEC UPD78C12AL Datasheet HTML 37Page - NEC UPD78C12AL Datasheet HTML 38Page - NEC UPD78C12AL Datasheet HTML 39Page - NEC UPD78C12AL Datasheet HTML 40Page - NEC UPD78C12AL Datasheet HTML 41Page - NEC UPD78C12AL Datasheet HTML 42Page - NEC UPD78C12AL Datasheet HTML 43Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 66 page
background image
39
µPD78C10A,78C11A,78C12A
AC CHARACTERISTICS (TA = –40 to +85
°C, VDD = AVDD = +5.0 V ±10 %, VSS = AVSS = 0 V)
Read/write Operation:
fXX = 15 MHz, CL = 100 pF
RD low level width
tRR
fXX = 15 MHz
fXX = 15 MHz, CL = 100 pF
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
MAX.
UNIT
X1 input cycle time
tCYC
66
250
ns
Address setup time (to ALE
↓ )tAL
30
ns
Address hold time (from ALE
↓ )tLA
fXX = 15 MHz, CL = 100 pF
35
ns
RD
↓ delay time from address
tAR
100
ns
Address float time from RD
↓
tAFR
CL = 100 pF
20
ns
Data input time from address
tAD
250
ns
Data input time from ALE
↓
tLDR
135
ns
Data input time from RD
↓
tRD
120
ns
RD
↓ delay time from ALE ↓
tLR
15
ns
Data hold time (from RD
↑ )tRDH
CL = 100 pF
0
ns
ALE
↑ delay time from RD ↑
tRL
fXX = 15 MHz, CL = 100 pF
80
ns
In Data Read
215
ns
fXX = 15 MHz, CL = 100 pF
In OP Code Fetch
415
ns
fXX = 15 MHz, CL = 100 pF
ALE high level width
tLL
fXX = 15 MHz, CL = 100 pF
90
ns
M1 setup time (to ALE
↓ )tML
30
ns
M1 hold time (from ALE
↓ )tLM
35
ns
IO/M setup time (to ALE
↓ )tIL
30
ns
IO/M hold time (from ALE
↓ )tLI
35
ns
tAW
100
ns
Data output time from ALE
↓
tLDW
180
ns
Data output time from WR
↓
tWD
CL = 100 pF
100
ns
WR
↓ delay time from ALE ↓
tLW
15
ns
Data setup time (to WR
↑ )tDW
165
ns
Data hold time (from WR
↑ )tWDH
fXX = 15 MHz, CL = 100 pF
60
ns
ALE
↑ delay time from WR ↑
tWL
80
ns
WR low level width
tWW
215
ns
WR
↓ delay time from address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com