Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MMVL109T1 Datasheet(PDF) 1 Page - Leshan Radio Company

Part # MMVL109T1
Description  Silicon Epicap Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

MMVL109T1 Datasheet(HTML) 1 Page - Leshan Radio Company

  MMVL109T1 Datasheet HTML 1Page - Leshan Radio Company MMVL109T1 Datasheet HTML 2Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LESHAN RADIO COMPANY, LTD.
MMVL109T1–1/2
PLASTIC, CASE 477
SOD– 323
1
2
MAXIMUM RATINGS
Symbol
Rating
Value
Unit
VR
Continuous Reverse Voltage
30
Vdc
IF
Peak Forward Current
200
mAdc
THERMALCHARACTERISTICS
Symbol
Characteristic
Max
Unit
PD
Total Device Dissipation FR–5 Board,*
200
mW
TA = 25°C
Derate above 25°C
1.57
mW/°C
RθJA
Thermal Resistance Junction to Ambient
635
°C/W
TJ, Tstg
Junction and Storage Temperature Range
-55 to +150
°C
*FR–5 Minimum Pad
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
Reverse BreakdownVoltage
V(BR)R
30
Vdc
(IR = 10
µAdc)
Rev
erse Voltage Leakage Current
IR
0.1
µAdc
(VR = 25 Vdc)
Diode Capacitance Temperature Coefficient
TCC
300
ppm/°C
(VR = 3.0 Vdc, f = 1.0 MHz)
Ct, Diode Capacitance
Q, Figure of Merit
CR, Capacitance Ratio
VR = 3.0 Vdc, f = 1.0 MHz
VR = 3.0 Vdc
C3/C25
pF
f = 50 MHz
f = 1.0 MHz(Note 1)
Device
Min
Nom
Max
Min
Min
Max
MMVL109T1
26
29
32
200
5.0
6.5
1. C
R is the ratio of Ct measured at 3 Vdc divided by Ct measured at 25 Vdc.
Designed for general frequency control and tuning applications;
providing solid–state reliability in replacement of mechnaical tuning
methods.
High Q with Guaranteed Minimum Values at VHF Frequencies
Controlled and Uniform Tuning Ratio
Surface Mount Package
Device Marking: 4A
MMVL109T1
26–32 pF
VOLTAGEVARIABLE
CAPACITANCEDIODES
Silicon Epicap Diode
ORDERING INFORMATION
Device
Package
Shipping
MMVL109T1
SOD–323
3000 / Tape & Reel
2
ANODE
1
CATHODE


Similar Part No. - MMVL109T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMVL109T1 ONSEMI-MMVL109T1 Datasheet
45Kb / 3P
Silicon Epicap Diodes
February, 2006 ??Rev. 1
MMVL109T1G ONSEMI-MMVL109T1G Datasheet
45Kb / 3P
Silicon Epicap Diodes
February, 2006 ??Rev. 1
More results

Similar Description - MMVL109T1

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
MMBV109LT1 LRC-MMBV109LT1 Datasheet
146Kb / 2P
Silicon Epicap Diode
logo
ON Semiconductor
MMBV109LT1 ONSEMI-MMBV109LT1 Datasheet
63Kb / 4P
Silicon Epicap Diodes
February, 2006 ??Rev. 5
MMVL109T1 ONSEMI-MMVL109T1 Datasheet
45Kb / 3P
Silicon Epicap Diodes
February, 2006 ??Rev. 1
logo
Fuji Electric
ESAD92M-02RR FUJI-ESAD92M-02RR Datasheet
447Kb / 12P
SILICON DIODE
ESAD92-03R FUJI-ESAD92-03R Datasheet
481Kb / 12P
SILICON DIODE
ESAB92-02R FUJI-ESAB92-02R Datasheet
446Kb / 12P
SILICON DIODE
logo
Sanken electric
EG01C SANKEN-EG01C Datasheet
137Kb / 4P
Silicon Diode
EM1A SANKEN-EM1A Datasheet
169Kb / 4P
Silicon Diode
logo
Unisonic Technologies
FCU20U20 UTC-FCU20U20 Datasheet
101Kb / 3P
SILICON DIODE
logo
ON Semiconductor
MBV109T1 ONSEMI-MBV109T1 Datasheet
69Kb / 8P
Silicon Epicap Diodes
March, 2001 ??Rev. 1
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com