Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DMN10H220LE Datasheet(PDF) 4 Page - Diodes Incorporated

Part # DMN10H220LE
Description  100V N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN10H220LE Datasheet(HTML) 4 Page - Diodes Incorporated

  DMN10H220LE_15 Datasheet HTML 1Page - Diodes Incorporated DMN10H220LE_15 Datasheet HTML 2Page - Diodes Incorporated DMN10H220LE_15 Datasheet HTML 3Page - Diodes Incorporated DMN10H220LE_15 Datasheet HTML 4Page - Diodes Incorporated DMN10H220LE_15 Datasheet HTML 5Page - Diodes Incorporated DMN10H220LE_15 Datasheet HTML 6Page - Diodes Incorporated DMN10H220LE_15 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
DMN10H220LE
Document number: DS36475 Rev. 3 - 2
4 of 7
www.diodes.com
April 2015
© Diodes Incorporated
DMN10H220LE
T , JUNCTION TEMPERATURE ( C)
Figure 7 On-Resistance Variation with Temperature
J
0
0.1
0.2
0.3
0.4
0.5
-50
-25
0
25
50
75
100
125
150
V
= 4.5V
I = 1A
GS
D
V
=
V
I = 2A
GS
D
10
T , JUNCTION TEMPERATURE ( C)
Figure 8 Gate Threshold Variation vs. Ambient Temperature
J
1
1.3
1.6
1.9
2.2
2.5
-50
-25
0
25
50
75
100
125
150
I = 1mA
D
I = 250µA
D
V
, SOURCE-DRAIN VOLTAGE (V)
SD
Figure 9 Diode Forward Voltage vs. Current
T = 125°C
A
0
1
2
3
4
5
6
7
8
9
10
0
0.3
0.6
0.9
1.2
1.5
T = 150°C
A
T = 85°C
A
T = -55°C
A
T = 25°C
A
V
, DRAIN-SOURCE VOLTAGE (V)
DS
Figure 10 Typical Junction Capacitance
10
100
1000
0
5
10
15
20
25
30
35
40
f = 1MHz
Ciss
Coss
Crss
Q
(nC)
g, TOTAL GATE CHARGE
Figure 11 Gate Charge
0
2
4
6
8
10
0
2
4
6
8
10
V
= 50V
I =
A
DS
D
1.6
V
, DRAIN-SOURCE VOLTAGE (V)
Figure 12 SOA, Safe Operation Area
DS
R
Limited
DS(on)
0.001
0.01
0.1
1
10
0.1
1
10
100
1000
T
= 150°C
T = 25°C
J(max)
A
V
= 10V
Single Pulse
GS
DUT on 1 * MRP Board
DC
P
= 10s
W
P
= 1s
W
P
= 100ms
W
P
= 10ms
W
P
= 1ms
W
P
= 100µs
W



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com