Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STUD668S Datasheet(PDF) 3 Page - SamHop Microelectronics Corp.

Part # STUD668S
Description  Super high dense cell design for low RDS(ON).
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STUD668S Datasheet(HTML) 3 Page - SamHop Microelectronics Corp.

  STUD668S Datasheet HTML 1Page - SamHop Microelectronics Corp. STUD668S Datasheet HTML 2Page - SamHop Microelectronics Corp. STUD668S Datasheet HTML 3Page - SamHop Microelectronics Corp. STUD668S Datasheet HTML 4Page - SamHop Microelectronics Corp. STUD668S Datasheet HTML 5Page - SamHop Microelectronics Corp. STUD668S Datasheet HTML 6Page - SamHop Microelectronics Corp. STUD668S Datasheet HTML 7Page - SamHop Microelectronics Corp. STUD668S Datasheet HTML 8Page - SamHop Microelectronics Corp. STUD668S Datasheet HTML 9Page - SamHop Microelectronics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
STU668S
STD668S
Ver 1.0
www.samhop.com.tw
Sep,16,2013
3
Tj( °
C )
VDS, Drain-to-Source Voltage(V)
Figure 1. Output Characteristics
VGS, Gate-to-Source Voltage(V)
Figure 2. Transfer Characteristics
ID, Drain Current(A)
Tj, Junction Temperature(° C )
Figure 3. On-Resistance vs. Drain Current
and Gate Voltage
Figure 4. On-Resistance Variation with Drain
Current and Temperature
Tj, Junction Temperature(° C )
Figure 5. Gate Threshold Variation
with Temperature
Tj, Junction Temperature(° C )
Figure 6. Breakdown Voltage Variation
with Temperature
100
60
40
0
0
0.5
1
1.5
2
2.5
3
VGS=10V
30
24
18
12
6
0
0
0.8
4.8
4.0
3.2
2.4
1.6
Tj=125 C
-55 C
25 C
30
25
20
15
10
5
2.25
2.00
1.75
1.50
1.25
1.00
0
100
75
25
50
125
150
V GS =10V
ID=25A
0.4
0.2
1.6
1.4
1.2
1.0
0.8
0.6
125 150
100
75
50
25
0
-25
-50
1.15
1.10
1.05
1.00
0.95
0.90
0.85
125 150
100
75
50
25
0
-25
-50
ID=250uA
20
V GS =10V
VGS=4.5V
0.1
20
40
60
80
100
0
80
V GS =4.5V
V GS =4.5V
ID=20A
VGS=4V
0.1
VGS=3.5V
VGS=3V
V DS =V GS
ID=250uA



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com