Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC2216 Datasheet(PDF) 21 Page - Linear Technology

Part # LTC2216
Description  16-Bit, 80Msps/65Msps Low Noise ADC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2216 Datasheet(HTML) 21 Page - Linear Technology

Back Button LTC2216_15 Datasheet HTML 17Page - Linear Technology LTC2216_15 Datasheet HTML 18Page - Linear Technology LTC2216_15 Datasheet HTML 19Page - Linear Technology LTC2216_15 Datasheet HTML 20Page - Linear Technology LTC2216_15 Datasheet HTML 21Page - Linear Technology LTC2216_15 Datasheet HTML 22Page - Linear Technology LTC2216_15 Datasheet HTML 23Page - Linear Technology LTC2216_15 Datasheet HTML 24Page - Linear Technology LTC2216_15 Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
LTC2216/LTC2215
21
22165f
DYNAMIC PERFORMANCE
Signal-to-Noise Plus Distortion Ratio
The signal-to-noise plus distortion ratio [S/(N+D)] is the
ratio between the RMS amplitude of the fundamental input
frequency and the RMS amplitude of all other frequency
components at the ADC output. The output is band lim-
ited to frequencies above DC to below half the sampling
frequency (Nyquist Frequency).
Signal-to-Noise Ratio
The signal-to-noise (SNR) is the ratio between the RMS
amplitude of the fundamental input frequency and the RMS
amplitude of all other frequency components, except the
first five harmonics.
Total Harmonic Distortion
Total harmonic distortion is the ratio of the RMS sum of
all harmonics of the input signal to the fundamental itself.
The out-of-band harmonics alias into the frequency band
between DC and half the sampling frequency (Nyquist
Frequency). THD is expressed as:
THD
Log
V
V
V
V
V
N
=−
+
+
+
()
()
20
2
2
3
2
4
22
1
...
/
where V1 is the RMS amplitude of the fundamental fre-
quency and V2 through VN are the amplitudes of the second
through nth harmonics.
Intermodulation Distortion
If the ADC input signal consists of more than one spectral
component, the ADC transfer function nonlinearity can
produce intermodulation distortion (IMD) in addition to
THD. IMD is the change in one sinusoidal input caused
by the presence of another sinusoidal input at a different
frequency.
If two pure sine waves of frequencies fa and fb are applied
to the ADC input, nonlinearities in the ADC transfer function
can create distortion products at the sum and difference
frequencies of mfa ± nfb, where m and n = 0, 1, 2, 3, etc.
For example, the 3rd order IMD terms include (2fa + fb),
(fa + 2fb), (2fa - fb) and (fa - 2fb). The 3rd order IMD is
defined as the ratio of the RMS value of either input tone
to the RMS value of the largest 3rd order IMD product.
Spurious Free Dynamic Range (SFDR)
The ratio of the RMS input signal amplitude to the RMS
value of the peak spurious spectral component expressed
in dBc. SFDR may also be calculated relative to full-scale
and expressed in dBFS.
Full Power Bandwidth
The Full Power bandwidth is that input frequency at which
the amplitude of the reconstructed fundamental is reduced
by 3dB from a full-scale input signal.
Aperture Delay Time
The time from when a rising ENC+ equals the ENC– voltage
to the instant that the input signal is held by the sample-
and-hold circuit.
Aperture Delay Jitter
The variation in the aperture delay time from conversion
to conversion. This random variation will result in noise
when sampling an AC input. The signal-to-noise ratio term
due to the jitter alone will be:
SNRJITTER = –20log (2π • fIN • tJITTER)
This formula states SNR due to jitter alone at any ampli-
tude in terms of dBc.
OPERATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com