Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DMN3015LSD Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DMN3015LSD
Description  30V DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN3015LSD Datasheet(HTML) 1 Page - Diodes Incorporated

  DMN3015LSD_15 Datasheet HTML 1Page - Diodes Incorporated DMN3015LSD_15 Datasheet HTML 2Page - Diodes Incorporated DMN3015LSD_15 Datasheet HTML 3Page - Diodes Incorporated DMN3015LSD_15 Datasheet HTML 4Page - Diodes Incorporated DMN3015LSD_15 Datasheet HTML 5Page - Diodes Incorporated DMN3015LSD_15 Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
DMN3015LSD
Document number: DS36300 Rev. 2 - 2
1 of 6
www.diodes.com
July 2014
© Diodes Incorporated
DMN3015LSD
30V DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
Product Summary
V(BR)DSS
RDS(on) max
ID
TA = +25°C
30V
15m
Ω @ VGS = 10V
8.4A
18m
Ω @ VGS = 4.5V
7.7A
Description
This new generation MOSFET has been designed to minimize the on-
state resistance (RDS(ON)) and yet maintain superior switching
performance, making it ideal for high efficiency power management
applications.
Applications
•
DC-DC Converters
•
Power Management Functions
•
Backlighting
Features and Benefits
•
Low Input Capacitance
•
Low On-Resistance
•
Fast Switching Speed
•
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
•
Halogen and Antimony Free. “Green” Device (Note 3)
•
Qualified to AEC-Q101 Standards for High Reliability
Mechanical Data
•
Case: SO-8
•
Case Material: Molded Plastic, “Green” Molding Compound.
UL Flammability Classification Rating 94V-0
•
Moisture Sensitivity: Level 1 per J-STD-020
•
Terminal Connections: See Diagram
•
Terminals: Finish – Tin Finish annealed over Copper leadframe.
Solderable per MIL-STD-202, Method 208
•
Weight: 0.074 grams (approximate)
Ordering Information (Note 4)
Part Number
Case
Packaging
DMN3015LSD-13
SO-8
2,500/Tape & Reel
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at http://www.diodes.com/products/packages.html.
Marking Information
e3
= Manufacturer’s Marking
N3015LD = Product Type Marking Code
YYWW = Date Code Marking
YY or YY = Year (ex: 14 = 2014)
WW = Week (01 - 53)
YY = Date Code Marking for SAT (Shanghai Assembly/ Test site)
YY = Date Code Marking for CAT (Chengdu Assembly/ Test site)
Chengdu A/T Site
Shanghai A/T Site
1
4
8
5
C6040SD
WW
YY
1
4
8
5
C6040SD
WW
YY
N3015LD
N3015LD
Top View
Top View
Pin Configuration
Equivalent Circuit
D2
S2
G2
D1
S1
G1
D1
S1
G1
S2
G2
D1
D2
D2
Pin1


Similar Part No. - DMN3015LSD_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMN3015LSD-13 DIODES-DMN3015LSD-13 Datasheet
291Kb / 6P
Low Input Capacitance
Rev 2
More results

Similar Description - DMN3015LSD_15

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMD63N03X ZETEX-ZXMD63N03X Datasheet
194Kb / 7P
DUAL 30V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN3A04DN8 ZETEX-ZXMN3A04DN8 Datasheet
56Kb / 4P
DUAL 30V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
ZXMN3A04DN8 DIODES-ZXMN3A04DN8 Datasheet
194Kb / 7P
DUAL 30V N-CHANNEL ENHANCEMENT MODE MOSFET
OCTOBER 2002
ZXMN3A06DN8 DIODES-ZXMN3A06DN8 Datasheet
192Kb / 7P
DUAL 30V N-CHANNEL ENHANCEMENT MODE MOSFET
OCTOBER 2002
ZXMN3AM832 DIODES-ZXMN3AM832 Datasheet
194Kb / 7P
DUAL 30V N-CHANNEL ENHANCEMENT MODE MOSFET
OCTOBER 2005
DMN3035LWN DIODES-DMN3035LWN_15 Datasheet
596Kb / 7P
30V DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
DMN3135LVT DIODES-DMN3135LVT_15 Datasheet
190Kb / 6P
30V DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 6
DMN3016LDV DIODES-DMN3016LDV Datasheet
423Kb / 7P
DUAL 30V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
logo
Pan Jit International I...
PJL9804 PANJIT-PJL9804 Datasheet
351Kb / 6P
30V Dual N-Channel Enhancement Mode MOSFET
March 25,2017-REV.01
PJL9808 PANJIT-PJL9808 Datasheet
351Kb / 6P
30V Dual N-Channel Enhancement Mode MOSFET
March 31,2017-REV.01
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com