Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HFP5N80 Datasheet(PDF) 3 Page - SemiHow Co.,Ltd.

Part # HFP5N80
Description  Superior Avalanche Rugged Technology
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIHOW [SemiHow Co.,Ltd.]
Direct Link  http://www.semihow.com
Logo SEMIHOW - SemiHow Co.,Ltd.

HFP5N80 Datasheet(HTML) 3 Page - SemiHow Co.,Ltd.

  HFP5N80 Datasheet HTML 1Page - SemiHow Co.,Ltd. HFP5N80 Datasheet HTML 2Page - SemiHow Co.,Ltd. HFP5N80 Datasheet HTML 3Page - SemiHow Co.,Ltd. HFP5N80 Datasheet HTML 4Page - SemiHow Co.,Ltd. HFP5N80 Datasheet HTML 5Page - SemiHow Co.,Ltd. HFP5N80 Datasheet HTML 6Page - SemiHow Co.,Ltd. HFP5N80 Datasheet HTML 7Page - SemiHow Co.,Ltd. HFP5N80 Datasheet HTML 8Page - SemiHow Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
10
-1
10
0
10
1
0
400
800
1200
1600
2000
2400
C
iss = Cgs + Cgd (Cds = shorted)
C
oss = Cds + Cgd
C
rss = Cgd
* Notes :
1. V
GS = 0 V
2. f = 1 MHz
C
rss
C
oss
C
iss
V
DS, Drain-Source Voltage [V]
Typical Characteristics
0
6
12
18
24
30
36
0
2
4
6
8
10
12
V
DS = 400V
V
DS = 160V
V
DS = 640V
* Note : I
D = 5.0A
Q
G, Total Gate Charge [nC]
Figure 1. On Region Characteristics
Figure 2. Transfer Characteristics
Figure 3. On Resistance Variation
Drain Current and Gate Voltage
Figure 4. Body Diode Forward Voltage
Variation with Source Current
and Temperature
Figure 5. Capacitance Characteristics
Figure 6. Gate Charge Characteristics
I
D, Drain Current [A]
V
DS, Drain-Source Voltage [V]
V
GS, Gate-Source Voltage [V]
V
SD, Source-Drain voltage [V]



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com