Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HFS18N50U Datasheet(PDF) 2 Page - SemiHow Co.,Ltd.

Part # HFS18N50U
Description  Superior Avalanche Rugged Technology
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIHOW [SemiHow Co.,Ltd.]
Direct Link  http://www.semihow.com
Logo SEMIHOW - SemiHow Co.,Ltd.

HFS18N50U Datasheet(HTML) 2 Page - SemiHow Co.,Ltd.

  HFS18N50U Datasheet HTML 1Page - SemiHow Co.,Ltd. HFS18N50U Datasheet HTML 2Page - SemiHow Co.,Ltd. HFS18N50U Datasheet HTML 3Page - SemiHow Co.,Ltd. HFS18N50U Datasheet HTML 4Page - SemiHow Co.,Ltd. HFS18N50U Datasheet HTML 5Page - SemiHow Co.,Ltd. HFS18N50U Datasheet HTML 6Page - SemiHow Co.,Ltd. HFS18N50U Datasheet HTML 7Page - SemiHow Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Notes ;
1. Repetitive Rating : Pulse width limited by maximum junction temperature
2. L=5.3mH, IAS=18A, VDD=50V, RG=25 , Starting TJ =25 C
3. ISD
di/dt
, VDD
DSS , Starting TJ =25 C
4. Pulse Test : Pulse Width
5. Essentially Independent of Operating Temperature
Electrical Characteristics T
C=25 C unless otherwise specified
IS
Continuous Source-Drain Diode Forward Current
--
--
18
A
ISM
Pulsed Source-Drain Diode Forward Current
--
--
72
VSD
Source-Drain Diode Forward Voltage IS = 18 A, VGS = 0 V
--
--
1.4
V
trr
Reverse Recovery Time
IS = 18 A, VGS = 0 V
diF/dt = 100 A/
(Note 4)
--
375
--
Qrr
Reverse Recovery Charge
--
4.2
--
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
VGS
Gate Threshold Voltage
VDS = VGS, ID = 250
2.5
--
4.5
V
RDS(ON)
Static Drain-Source
On-Resistance
VGS = 10 V, ID = 9.0 A
--
0.22
0.265
On Characteristics
BVDSS
Drain-Source Breakdown Voltage VGS = 0 V, ID = 250
500
--
--
V
BVDSS
/ TJ
Breakdown Voltage Temperature
Coefficient
ID = 250 , Referenced to 25
--
0.5
--
V/
IDSS
Zero Gate Voltage Drain Current
VDS = 500 V, VGS = 0 V
--
--
1
VDS = 400 V, TC = 125
--
--
10
IGSS
Gate-Body Leakage Current
VGS = 30 V, VDS = 0 V
--
--
100
Off Characteristics
Ciss
Input Capacitance
VDS = 25 V, VGS = 0 V,
f = 1.0 MHz
--
3300
4300
Coss
Output Capacitance
--
290
380
Crss
Reverse Transfer Capacitance
--
16
21
Dynamic Characteristics
td(on)
Turn-On Time
VDS = 250 V, ID = 18 A,
RG = 25
(Note 4,5)
--
80
170
tr
Turn-On Rise Time
--
80
170
td(off)
Turn-Off Delay Time
--
190
390
tf
Turn-Off Fall Time
--
60
130
Qg
Total Gate Charge
VDS = 400 V, ID = 18 A,
VGS = 10 V
(Note 4,5)
--
58
76
nC
Qgs
Gate-Source Charge
--
16
--
nC
Qgd
Gate-Drain Charge
--
17
--
nC
Switching Characteristics
Source-Drain Diode Maximum Ratings and Characteristics
Package Marking and Odering Information
Device Marking
Week Marking
Package
Packing
Quantity
RoHS Status
HFS18N50U
YWWX
TO-220F(A)
Tube
50
Pb Free
HFS18N50U
YWWXg
TO-220F(A)
Tube
50
Halogen Free
TO-220F(A) : Dual Gauge



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com