Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LT3754 Datasheet(PDF) 21 Page - Linear Technology

Part # LT3754
Description  16-Channel 50mA LED Driver
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3754 Datasheet(HTML) 21 Page - Linear Technology

Back Button LT3754_15 Datasheet HTML 17Page - Linear Technology LT3754_15 Datasheet HTML 18Page - Linear Technology LT3754_15 Datasheet HTML 19Page - Linear Technology LT3754_15 Datasheet HTML 20Page - Linear Technology LT3754_15 Datasheet HTML 21Page - Linear Technology LT3754_15 Datasheet HTML 22Page - Linear Technology LT3754_15 Datasheet HTML 23Page - Linear Technology LT3754_15 Datasheet HTML 24Page - Linear Technology LT3754_15 Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
LT3754
21
3754fc
applicaTions inForMaTion
LED Open Circuit and PWM Dimming Ratios
The LT3754 monitors each LED pin voltage to determine if
the LED string has an open fault (LED pin voltage < 0.5V).
If an open LED fault occurs, the FAULT flag is pulled low.
Toavoidfalsedetectionoffaultsduringtheinitialconverter
start-up when VOUT is low, the LT3754 ignores low LED
pin voltages until VOUT reaches 90% of its maximum al-
lowed OVP level. Once this condition is met, the LT3754
monitors all LED pins for open LED faults. To avoid false
detection of faults during PWM dimming edges (where
LED pins can possibly ring and trip fault detection levels)
the LT3754 only monitors/updates fault conditions during
PWM high (and only after a blank duration of 2µs following
each PWM rising edge).
LED Short Circuit
AshortcircuitfaultbetweenthepositiveterminalofanLED
string (VOUT) and the negative terminal of the LED string
(LEDx pin) causes the channel to be disabled in order to
protect the internal current source. A resistive short is
allowed as long as (VOUT-VLEDx) < 6V. During the short,
however, cable inductance can cause the LED pin voltage
to overshoot past VOUT voltage. To avoid LED pin voltage
exceeding its absolute maximum rated voltage, a diode
may be required to clamp the LED pin. The anode of a
1N4148WS diode should be connected to the LED pin and
the cathode of the diode connected to the VOUT pin. Keep
the traces as short as possible. A Schottky diode should
not be used due to high reverse bias leakage currents.
Loop Compensation
Be sure to check the stability of the loop with the LEDs
connected (LED regulation loop) and disconnected
(Overvoltage Protection (OVP) regulation loop). Various
application circuits are shown in the data sheet which
coverarangeofVIN,VOUT,fOSC,outputpowerandinductor
current ripple values. For application requirements which
deviate from the circuits shown in the data sheet be sure
to check the stability of the final application over the full
VIN range, LED current range (if analog dimming) and
temperature range. Be aware that if the VCpincomponents
represent the dominant pole for the converter loop and
they have been adjusted to achieve stability, the VC pin
might move more slowly during load transient conditions
such as an all-LEDs-open fault. A slower moving VC pin
will add to VOUT overshoot during an all-LEDs-open fault.
An alternative compensation approach is to place the
dominant pole of the converter loop at the output. This
requires an increased output capacitor value but will allow
a much reduced Vc capacitor. The combination will allow
VC to move more quickly and VOUT to move more slowly
resulting in less overshoot during an all-LEDs-open fault.
Thermal Considerations
TheinternalpowerdissipationoftheLT3754comesfrom3
main sources: VIN quiescent current (IQ total), VIN current
for GATE switching (IGATE) and the LT3754 LED current
sources. Since the maximum operational VIN voltage is
40V, care should be taken when selecting the switching
frequency and type of external power MOSFET since the
current required from VIN for GATE switching is given by,
IGATE = fOSC • Qg
where Qg is the gate charge (at VGS = INTVCC) specified
for the MOSFET and fOSC is the programmed switching
frequency for the LT3754. A low Qg MOSFET should al-
ways be used when operating the LT3754 from high VIN
voltages. The internal junction temperature of the LT3754
can be estimated as:
TJ=TA+[VIN•(IQTOTAL+(fOSC•Qg))+(16•I(LEDX)•1.1V)]
•
θJA
where, TA is the ambient temperature for the LT3754
IQTOTALrepresentstheVINquiescentcurrentfortheLT3754
(not switching, PWM = 1.5V and CTRL = 0.1V) - illustrated
in the Typical Characteristics Graphs – plus the base cur-
rents of active channels (typically 16 • I(LED)/75).
θJA is
the thermal resistance of the package (34°C/W for the
5mm × 5mm QFN package).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com