Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC2928 Datasheet(PDF) 21 Page - Linear Technology

Part # LTC2928
Description  Multichannel Power Supply Sequencer and Supervisor
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2928 Datasheet(HTML) 21 Page - Linear Technology

Back Button LTC2928_15 Datasheet HTML 17Page - Linear Technology LTC2928_15 Datasheet HTML 18Page - Linear Technology LTC2928_15 Datasheet HTML 19Page - Linear Technology LTC2928_15 Datasheet HTML 20Page - Linear Technology LTC2928_15 Datasheet HTML 21Page - Linear Technology LTC2928_15 Datasheet HTML 22Page - Linear Technology LTC2928_15 Datasheet HTML 23Page - Linear Technology LTC2928_15 Datasheet HTML 24Page - Linear Technology LTC2928_15 Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
LTC2928
21
2928fa
For more information www.linear.com/LTC2928
applicaTions inForMaTion
Figure 10. Supply Sequencing with Stabilized Power Module Outputs
EN1
LTC2928
EN2
EN3
EN4
HVCC
36.5k
36.5k
2.5V
100
100
3.3V
N2
N1
D1
C1
52.3k
52.3k
3.32k
97.6k
10k
10k
10k
10k
10k
10k
10k
3300pF
0.1µF
0.047µF
1.5k
3.4k
VCC
470µF
1µF
1N4148
12V
3.3V
2.5V
SYSTEM
RESET
FAULT
95.3k
95.3k
VCC
RT1
RT2
RT3
RT4
SQT2
SQT1
N1, N2: IRL3714S
ALL RESISTORS 1%
ON
V1
V2
V3
V4
MS1
MS2
VSEL
GND
RTMR
PTMR
STMR
DONE
FLT
OV
RST
VIN VOUT
DC/DC
VIN VOUT
DC/DC
2928 TA04
SHDN
SHDN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com