Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DMN55D0UT Datasheet(PDF) 4 Page - Diodes Incorporated

Part # DMN55D0UT
Description  N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN55D0UT Datasheet(HTML) 4 Page - Diodes Incorporated

  DMN55D0UT_15 Datasheet HTML 1Page - Diodes Incorporated DMN55D0UT_15 Datasheet HTML 2Page - Diodes Incorporated DMN55D0UT_15 Datasheet HTML 3Page - Diodes Incorporated DMN55D0UT_15 Datasheet HTML 4Page - Diodes Incorporated DMN55D0UT_15 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
DMN55D0UT
Document number: DS31330 Rev. 5 - 2
4 of 5
www.diodes.com
December 2012
© Diodes Incorporated
DMN55D0UT
Fig. 7 Gate Threshold Variation vs. Ambient Temperature
-50
-25
0
25
50
75
100
125 150
T , AMBIENT TEMPERATURE (°C)
A
0.5
0.6
0.7
0.8
0.9
1.0
1.1
I = 250µA
D
V
, SOURCE-DRAIN VOLTAGE (V)
SD
Fig. 8 Diode Forward Voltage vs. Current
0.0001
0.001
0.01
0.1
1
0.1
0.3
0.5
0.7
0.9
1.1
T = -55°C
A
T = 25°C
A
T = 85°C
A
T = 125°C
A
T = 150°C
A
0.001
0.01
0.1
1
100
Fig. 9 Transient Thermal Response
0.00001
0.0001
0.001
0.01
0.1
1
10
t , PULSE DURATION TIME (s)
1
0.000001
T - T = P * R
(t)
Duty Cycle, D = t /t
JA
JA
12
θ
R
(t) = r(t) * R
R
= 625°C/W
θθ
θ
JA
JA
JA
P(pk)
t1
t
2
D = 0.7
D = 0.5
D = 0.3
D = 0.1
D = 0.05
D = 0.02
D = 0.01
D = 0.005
D = Single Pulse
D = 0.9
Package Outline Dimensions
Please see AP02002 at http://www.diodes.com/datasheets/ap02002.pdf for latest version.
SOT523
Dim
Min
Max
Typ
A
0.15
0.30
0.22
B
0.75
0.85
0.80
C
1.45
1.75
1.60
D
0.50
G
0.90
1.10
1.00
H
1.50
1.70
1.60
J
0.00
0.10
0.05
K
0.60
0.80
0.75
L
0.10
0.30
0.22
M
0.10
0.20
0.12
N
0.45
0.65
0.50
α
All Dimensions in mm
A
M
J
L
D
B C
H
K
G
N



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com