Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DMN3010LSS Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DMN3010LSS
Description  SINGLE N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN3010LSS Datasheet(HTML) 2 Page - Diodes Incorporated

  DMN3010LSS_15 Datasheet HTML 1Page - Diodes Incorporated DMN3010LSS_15 Datasheet HTML 2Page - Diodes Incorporated DMN3010LSS_15 Datasheet HTML 3Page - Diodes Incorporated DMN3010LSS_15 Datasheet HTML 4Page - Diodes Incorporated DMN3010LSS_15 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
DMN3010LSS
Document number: DS31259 Rev. 6 - 2
2 of 5
www.diodes.com
November 2008
© Diodes Incorporated
DMN3010LSS
Electrical Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 5)
Drain-Source Breakdown Voltage
BVDSS
30
⎯
⎯
V
VGS = 0V, ID = 250μA
Zero Gate Voltage Drain Current
IDSS
⎯
⎯
1
μA
VDS = 30V, VGS = 0V
Gate-Source Leakage
IGSS
⎯
⎯
±100
nA
VGS = ±20V, VDS = 0V
ON CHARACTERISTICS (Note 5)
Gate Threshold Voltage
VGS(th)
1.1
⎯
2.0
V
VDS = VGS, ID = 250μA
Static Drain-Source On-Resistance
RDS (ON)
⎯
⎯
⎯
9
13
m
Ω
VGS = 10V, ID = 16A
VGS = 4.5V, ID = 10A
Forward Transconductance
gfs
⎯
16
⎯
S
VDS = 10V, ID = 12A
Diode Forward Voltage (Note 5)
VSD
0.5
⎯
1.2
V
VGS = 0V, IS = 16A
DYNAMIC CHARACTERISTICS
Input Capacitance
Ciss
⎯
2096
⎯
pF
VDS = 15V, VGS = 0V
f = 1.0MHz
Output Capacitance
Coss
⎯
329
⎯
pF
Reverse Transfer Capacitance
Crss
⎯
258
⎯
pF
Gate Resistance
RG
⎯
1.2
⎯
Ω
VGS = 0V, f = 1MHz
SWITCHING CHARACTERISTICS
Total Gate Charge
Qg
⎯
22.4
43.7
⎯
nC
VDS = 15V, VGS = 4.5V, ID = 16A
VDS = 15V, VGS = 10.0V, ID = 16A
Gate-Source Charge
Qgs
⎯
5.5
⎯
VDS = 15V, VGS = 10V, ID = 16A
Gate-Drain Charge
Qgd
⎯
12.6
⎯
VDS = 15V, VGS = 10V, ID = 16A
Turn-On Delay Time
td(on)
⎯
7.11
⎯
ns
VGS = 10V, VDS = 15V,
RD = 15Ω, RG = 6Ω
Rise Time
tr
⎯
10.3
⎯
Turn-Off Delay Time
td(off)
⎯
58.3
⎯
Fall Time
tf
⎯
32.1
⎯
Notes:
5. Short duration pulse test used to minimize self-heating effect.
Fig. 1 Typical Output Characteristics
V
, DRAIN-SOURCE VOLTAGE (V)
DS
0
2
4
6
8
10
12
14
16
18
20
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
V
= 2.5V
GS
V
= 4.5V
GS
V
= 10V
GS
V
= 1.5V
GS
V
= 3.0V
GS
0
2
4
6
8
10
12
14
16
18
20
0
0.1 0.2 0.3 0.4
0.5 0.6 0.7 0.8 0.9
1
V
, SOURCE-DRAIN VOLTAGE (V)
SD
Fig. 2 Source Current vs. Source-Drain Voltage
T = -55°C
A
T = 25°C
A
T = 85°C
A
T = 125°C
A
T = 150°C
A



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com