Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DMN3030LSS Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DMN3030LSS
Description  SINGLE N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN3030LSS Datasheet(HTML) 2 Page - Diodes Incorporated

  DMN3030LSS_15 Datasheet HTML 1Page - Diodes Incorporated DMN3030LSS_15 Datasheet HTML 2Page - Diodes Incorporated DMN3030LSS_15 Datasheet HTML 3Page - Diodes Incorporated DMN3030LSS_15 Datasheet HTML 4Page - Diodes Incorporated DMN3030LSS_15 Datasheet HTML 5Page - Diodes Incorporated DMN3030LSS_15 Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
DMN3030LSS
Document number: DS31261 Rev. 12 - 2
2 of 6
www.diodes.com
October 2013
© Diodes Incorporated
DMN3030LSS
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Units
Drain-Source Voltage
VDSS
30
V
Gate-Source Voltage
VGSS
25
V
Drain Current (Note 5)
Steady
State
TA = +25°C
TA = +70°C
ID
9.0
6.75
A
Pulsed Drain Current (Note 6)
IDM
40
A
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Total Power Dissipation (Note 5)
PD
2.5
W
Thermal Resistance, Junction to Ambient (Note 5)
RJA
50
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 7)
Drain-Source Breakdown Voltage
BVDSS
30
V
VGS = 0V, ID = 250μA
Zero Gate Voltage Drain Current
IDSS
1
μA
VDS = 30V, VGS = 0V
Gate-Source Leakage
IGSS


100
1
nA
μA
VGS = 20V, VDS = 0V
VGS = 25V, VDS = 0V
ON CHARACTERISTICS (Note 7)
Gate Threshold Voltage
VGS(th)
1
2.1
V
VDS = VGS, ID = 250μA
Static Drain-Source On-Resistance
RDS (ON)
15.7
26.4
18
30
mΩ
VGS = 10V, ID = 9A
VGS = 4.5V, ID = 7A
Forward Transconductance
gfs
5.8
S
VDS = 10V, ID = 9A
Diode Forward Voltage
VSD
0.5
0.7
1.2
V
VGS = 0V, IS = 2.1A
DYNAMIC CHARACTERISTICS (Note 8)
Input Capacitance
Ciss
741
pF
VDS = 15V, VGS = 0V
f = 1.0MHz
Output Capacitance
Coss
124
pF
Reverse Transfer Capacitance
Crss
95
pF
Gate Resistance
RG
0.30
0.88
2.5
Ω
VDS = 0V, VGS = 0V, f = 1.0MHz
SWITCHING CHARACTERISTICS (Note 8)
Total Gate Charge
Qg
7.6
12
nC
VDS = 15V, VGS = 4.5V, ID = 9A
16.7
25
VDS = 15V, VGS = 10V, ID = 9A
Gate-Source Charge
Qgs

1.9

Gate-Drain Charge
Qgd

5.2

Turn-On Delay Time
td(on)

4.0

ns
VGS = 10V, VDS = 15V,
RL = 15Ω, RG = 6Ω
Rise Time
tr

4.4

Turn-Off Delay Time
td(off)

23.0

Fall Time
tf

9.4

Notes:
5. Device mounted on 2 oz copper pad layout with RJA = 50°C/W.
6. Pulse width
10μS, Duty Cycle 1%.
7. Short duration pulse test used to minimize self-heating effect.
8. Guaranteed by design. Not subject to product testing.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com