Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DMN3115UDM-7 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DMN3115UDM-7
Description  N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN3115UDM-7 Datasheet(HTML) 2 Page - Diodes Incorporated

  DMN3115UDM-7 Datasheet HTML 1Page - Diodes Incorporated DMN3115UDM-7 Datasheet HTML 2Page - Diodes Incorporated DMN3115UDM-7 Datasheet HTML 3Page - Diodes Incorporated DMN3115UDM-7 Datasheet HTML 4Page - Diodes Incorporated DMN3115UDM-7 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
DMN3115UDM
Document number: DS31187 Rev. 8 - 2
2 of 5
www.diodes.com
November 2013
© Diodes Incorporated
DMN3115UDM
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Units
Drain-Source Voltage
VDSS
30
V
Gate-Source Voltage
VGSS
±8
V
Drain Current (Note 6)
ID
3.2
A
Pulsed Drain Current (Note 6)
IDM
12.8
A
Thermal Characteristics
Characteristic
Symbol
Value
Units
Total Power Dissipation (Note 6)
PD
900
mW
Thermal Resistance, Junction to Ambient
RθJA
139
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 7)
Drain-Source Breakdown Voltage
BVDSS
30
V
VGS = 0V, ID = 100μA
Zero Gate Voltage Drain Current
IDSS
1
μA
VDS = 30V, VGS = 0V
Gate-Source Leakage
IGSS
5
μA
VGS = 8V, VDS = 0V
ON CHARACTERISTICS (Note 7)
Gate Threshold Voltage
VGS(th)
0.5
1.0
V
VDS = VGS, ID = 250μA
Static Drain-Source On-Resistance
RDS (ON)
40
50
76
60
80
130
mΩ
VGS = 4.5V, ID = 6A
VGS = 2.5V, ID = 2A
VGS = 1.5V, ID = 1.0A
Forward Transfer Admittance
|Yfs|
8
S
VDS =10V, ID = 6A
Diode Forward Voltage (Note 7)
VSD
0.7
1.1
V
VGS = 0V, IS = 2A
DYNAMIC CHARACTERISTICS
Input Capacitance
Ciss
476
pF
VDS = 15V, VGS = 0V
f = 1.0MHz
Output Capacitance
Coss
77
pF
Reverse Transfer Capacitance
Crss
59
pF
Notes:
6. Device mounted on FR-4 PCB, minimum recommended pad layout on 2oz. Copper pads.
7. Short duration pulse test used to minimize self-heating effect.
0
1
2
3
4
5
6
7
8
9
10
Fig. 2 Typical Transfer Characteristics
V , GATE SOURCE VOLTAGE (V)
GS
T = -55°C
A
T = 25°C
A
T = 85°C
A
T = 150°C
A
V
= 5V
Pulsed
DS
0
1
2
3
4
5
6
7
8
9
10
0.5
1
1.5
2
0



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com