Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RF6935 Datasheet(PDF) 9 Page - RF Micro Devices

Part # RF6935
Description  3.3V TO 4.0V,915MHz Transmit/Receive Module
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF6935 Datasheet(HTML) 9 Page - RF Micro Devices

  RF6935 Datasheet HTML 1Page - RF Micro Devices RF6935 Datasheet HTML 2Page - RF Micro Devices RF6935 Datasheet HTML 3Page - RF Micro Devices RF6935 Datasheet HTML 4Page - RF Micro Devices RF6935 Datasheet HTML 5Page - RF Micro Devices RF6935 Datasheet HTML 6Page - RF Micro Devices RF6935 Datasheet HTML 7Page - RF Micro Devices RF6935 Datasheet HTML 8Page - RF Micro Devices RF6935 Datasheet HTML 9Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
9 of 9
RF6539
DS130110
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Performance Plots
-3
2
7
12
17
22
27
32
-1
4
9
14
19
24
Pout(dBm)
PA Gain(dB) Vs Pout(dBm)
VCC = 3.6V, VREG = 3.4V,
Freq= 915 MHz, Temp = -30, 25 & 70C
-30 °C
25 °C
70 °C
-3
2
7
12
17
22
27
32
-1
4
9
14
19
24
Pout(dBm)
PA Gain(dB) Vs Pout(dBm)
VCC = 3.6V, VREG = 3.4V,
Freq= 868, 902, 915 & 928 MHz, Temp = 25C
868 MHz
902 MHz
915 MHz
928 MHz
0
20
40
60
80
100
120
140
-5
0
5
10
15
20
25
30
Po(dBm)
Icc(mA) Vs Pout(dBm)
VCC = 3.6V, VREG = 3.4V,
Freq= 915 MHz, Temp = -30, 25 & 70C
-30 °C
25 °C
70 °C
-20
-15
-10
-5
0
5
10
15
-5
0
5
10
15
20
25
30
Pout(dBm)
Pin(dBm) Vs Pout(dBm)
VCC = 3.6V, VREG = 3.4V,
Freq= 868, 902, 915 & 928 MHz, Temp = 25C
868 MHz
902 MHz
915 MHz
928 MHz
-20
-15
-10
-5
0
5
10
15
-5
0
5
10
15
20
25
30
Pout(dBm)
Pin(dBm) Vs Pout(dBm)
VCC = 3.6V, VREG = 3.4V, Freq= 915 MHz,
Temp = -30, 25 & 70C
-30 °C
25 °C
70 °C
-1.2
-1.15
-1.1
-1.05
-1
-0.95
-0.9
-0.85
-0.8
895
900
905
910
915
920
925
930
F(MHz)
RX Inseron Loss(dB) Vs. Frequencey(MHz)
Vcc = 3.6V, Vreg = 0.2V
-30 °C
25 °C
70 °C



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com