Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RFDA0056 Datasheet(PDF) 3 Page - RF Micro Devices

Part # RFDA0056
Description  Digital Controlled Variable Gain Amplifier 300MHz to 1100MHz, 6-Bit 0.5dB LSB Control
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFDA0056 Datasheet(HTML) 3 Page - RF Micro Devices

  RFDA0056 Datasheet HTML 1Page - RF Micro Devices RFDA0056 Datasheet HTML 2Page - RF Micro Devices RFDA0056 Datasheet HTML 3Page - RF Micro Devices RFDA0056 Datasheet HTML 4Page - RF Micro Devices RFDA0056 Datasheet HTML 5Page - RF Micro Devices RFDA0056 Datasheet HTML 6Page - RF Micro Devices RFDA0056 Datasheet HTML 7Page - RF Micro Devices RFDA0056 Datasheet HTML 8Page - RF Micro Devices RFDA0056 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3 of 10
RFDA0056
DS120926
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Typical Performance - 300MHz to 1100MHz Broadband Application Circuit
-5
0
5
10
15
20
25
30
35
40
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
Frequency (GHz)
Gain versus Frequency
0dB
0.5dB
1dB
2dB
4dB
8dB
16dB
31.5dB
28
30
32
34
36
38
40
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
Frequency (GHz)
Max Gain versus Frequency
25
85
-40
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
Frequency (GHz)
Input Return Loss versus Frequency
0dB
0.5dB
1dB
2dB
4dB
8dB
16dB
31.5dB
-25
-20
-15
-10
-5
0
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
Frequency (GHz)
Input Return Loss versus Frequency
25
85
-40
-40
-35
-30
-25
-20
-15
-10
-5
0
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
Frequency (GHz)
Output Return Loss versus Frequency
0dB
0.5dB
1dB
2dB
4dB
8dB
16dB
31.5dB
-40
-35
-30
-25
-20
-15
-10
-5
0
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
Frequency (GHz)
Output Return Loss versus Frequency
25
85
-40



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com