Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RFDA4005 Datasheet(PDF) 3 Page - RF Micro Devices

Part # RFDA4005
Description  6-Bit, Digital Controlled Variable Gain Amplifier 50MHz to 4000MHz
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFDA4005 Datasheet(HTML) 3 Page - RF Micro Devices

  RFDA4005 Datasheet HTML 1Page - RF Micro Devices RFDA4005 Datasheet HTML 2Page - RF Micro Devices RFDA4005 Datasheet HTML 3Page - RF Micro Devices RFDA4005 Datasheet HTML 4Page - RF Micro Devices RFDA4005 Datasheet HTML 5Page - RF Micro Devices RFDA4005 Datasheet HTML 6Page - RF Micro Devices RFDA4005 Datasheet HTML 7Page - RF Micro Devices RFDA4005 Datasheet HTML 8Page - RF Micro Devices RFDA4005 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS140902
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
3 of 15
RFDA4005
Parameter
Specification
Unit
Condition
Min
Typ
Max
General Performance
Temp = 25°C, VDD = 5V
Output Return Loss
-15
dB
Supply Current
82
mA
Thermal Resistance
80.7
°C/W
Junction to backside of device
Typical RF Performance at Key Operating Frequencies
Parameter
Unit
500MHz
850MHz
1.95GHz
2.4GHz
3.5GHz
4GHz
Maximum Small Signal Gain
dB
18.9
18.7
17.6
17.2
15.7
13.7
Output P1dB
dBm
20.5
20.4
20.4
19.4
16.9
14.7
Output IP3
dBm
39
40
36
34.8
28.5
27.1
Input Return Loss
dB
-36
-24
-16
-15
-14
-10
Output Return Loss
dB
-18
-22
-15
-11
-16
-27
Noise Figure
dB
5.5
5.5
5.9
6.2
8.3
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com