Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS18B Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CS18B
Description  SILICON CONTROLLED RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CS18B Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CS18B Datasheet HTML 1Page - Central Semiconductor Corp CS18B Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CS18B
CS18D
CS18M
CS18N
SILICON CONTROLLED RECTIFIER
1 AMP, 200 THRU 800 VOLTS
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CS18B series
types are hermetically sealed silicon controlled
rectifiers manufactured in a TO-18 case, designed for
control systems and sensing circuit applications.
MARKING: FULL PART NUMBER
MAXIMUM RATINGS: (TA=25°C unless otherwise noted)
SYMBOL
CS18B
CS18D
CS18M
CS18N
UNITS
Peak Repetitive Off-State Voltage
VDRM, VRRM
200
400
600
800
V
RMS On-State Current (TC=90°C)
IT(RMS)
1.0
A
Nonrept. On-State Current
ITSM
10
A
Fusing Current (t=10ms)
I2t
0.24
A2s
Peak Gate Current (t=10μs)
IGM
1.0
A
Peak Gate Dissipation (t=10μs)
PGM
2.0
W
Gate Dissipation
PG(AV)
0.1
W
Operating Junction Temperature
TJ
-40 to +125
°C
Storage Temperature
Tstg
-40 to +150
°C
Thermal Resistance
ΘJC
32
°C/W
Thermal Resistance
ΘJA
200
°C/W
ELECTRICAL CHARACTERISTICS: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
IDRM, IRRM
Rated VDRM, VRRM, RGK=1.0KΩ
1.0
μA
IDRM, IRRM
Rated VDRM, VRRM, RGK=1.0KΩ, TC=125°C
0.1
mA
VTM
IT=2.0A
1.6
2.15
V
IGT
VD=12V, RL=10Ω
20
200
μA
VGT
VD=12V, RL=10Ω
0.65
0.8
V
IH
RGK=1.0KΩ
0.5
5.0
mA
dv/dt
VD=0.67V x VDRM, RGK=1.0KΩ, TC=125°C
25
V/μs
TO-18 CASE
R2 (18-January 2010)
www.centra lsemi.com


Similar Part No. - CS18B

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CS18B CENTRAL-CS18B Datasheet
76Kb / 2P
SILICON CONTROLLED RECTIFIER
CS18BZ CENTRAL-CS18BZ Datasheet
541Kb / 2P
SILICON CONTROLLED RECTIFIERS
More results

Similar Description - CS18B

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CZS5064 CENTRAL-CZS5064 Datasheet
94Kb / 2P
SILICON CONTROLLED RECTIFIER
CS18B CENTRAL-CS18B Datasheet
76Kb / 2P
SILICON CONTROLLED RECTIFIER
logo
SemiHow Co.,Ltd.
MCK100-8 SEMIHOW-MCK100-8 Datasheet
384Kb / 5P
Silicon Controlled Rectifier
logo
Digitron Semiconductors
MCR3935 DIGITRON-MCR3935 Datasheet
153Kb / 3P
SILICON CONTROLLED RECTIFIER
MCR3818 DIGITRON-MCR3818 Datasheet
272Kb / 6P
SILICON CONTROLLED RECTIFIER
MCR1718 DIGITRON-MCR1718 Datasheet
118Kb / 2P
SILICON CONTROLLED RECTIFIER
BRY55 DIGITRON-BRY55 Datasheet
177Kb / 2P
SILICON CONTROLLED RECTIFIER
2N877 DIGITRON-2N877 Datasheet
372Kb / 5P
SILICON CONTROLLED RECTIFIER
logo
New Jersey Semi-Conduct...
C137E NJSEMI-C137E Datasheet
182Kb / 3P
Silicon Controlled Rectifier
C203 NJSEMI-C203 Datasheet
89Kb / 2P
Silicon Controlled Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com