Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC4121-4.2 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC4121-4.2
Description  40V 400mA Synchronous Step-Down Battery Charger
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4121-4.2 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC4121-4.2_15 Datasheet HTML 9Page - Linear Technology LTC4121-4.2_15 Datasheet HTML 10Page - Linear Technology LTC4121-4.2_15 Datasheet HTML 11Page - Linear Technology LTC4121-4.2_15 Datasheet HTML 12Page - Linear Technology LTC4121-4.2_15 Datasheet HTML 13Page - Linear Technology LTC4121-4.2_15 Datasheet HTML 14Page - Linear Technology LTC4121-4.2_15 Datasheet HTML 15Page - Linear Technology LTC4121-4.2_15 Datasheet HTML 16Page - Linear Technology LTC4121-4.2_15 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
LTC4121/LTC4121-4.2
13
4121fa
For more information www.linear.com/LTC4121
operaTion
When no power source is applied to VIN,forexamplewhen
using a solar panel source and the panel is in the dark, the
MPPTpindividerdrainspowerfromthebatterythroughthe
body diode of the top side switch of the switching regula-
tor. To eliminate this leakage path, the MPPT divider may
be connected to the anode of the Schottky diode that is in
series with the panel, for examples see Figures 1, 9, or 10.
For example, consider charging a battery from a source
withanopen-circuitvoltageof30Vandasourceimpedance
of 120Ω. This resistive supply has a short circuit current
of 250mA, and the peak available power of 1.875W oc-
curs with a load of 125mA at 50% of VOC. To program the
LTC4120 to optimize the available power for this source
simply program VMP/VOC to 50% by selecting the MPPT
resistivedividergainKR=0.2.Thisisobtainedwitharesis-
tive divider as shown in Figure 4 with RMPPT2 = RMPPT1/4.
With standard 1% resistors this is approximated with
RMPPT1 = 402k, and RMPPT2 = 100k.
If the MPPT pin sees excess capacitance to GND, this may
affect switching regulator stability. In such cases, one may
optionally add a 50pF to 150pF lead capacitor (CMPPT) as
shown in Figure 4.
The sampling of VOC is done at an extremely low duty
cycle so as to have minimum impact on the average
charge current. The time between sample events, TMP,
is typically about 30 seconds, with an idle time, PWMP,
of about 36ms to allow the source to recover to its
open-circuit voltage through the time constant associ-
ated with the input decoupling capacitor CIN. The time
constant for the source to recover to its open-circuit
voltage must be kept below the idle period. Limit the
input capacitor to 10µF to avoid increasing the source
recovery time.
Programming the Battery Float Voltage
For the LTC4121, the battery float voltage is programmed
by placing a resistive divider from the battery to FB and
FBG as shown in Figure 5. The battery float voltage is
programmable anywhere from 3.5V up to 18V. The pro-
grammable battery float voltage, VFLOAT, is then governed
by the following equation:
VFLOAT = VFB(REG) •
RFB1+RFB2
(
)
RFB2
where VFB(REG) is typically 2.4V.
Due to the input bias current (IFB) of the voltage error amp
(V-EA), care must also be taken to select the Thevenin
equivalent resistance of RFB1//RFB2 close to 588kΩ. Start
by calculating RFB1 to satisfy the following relations:
RFB1 =
VFLOAT • 588k
VFB(REG)
Find the closest 0.1% or 1% resistor to the calculated
value. With RFB1 calculate:
RFB2 =
VFB(REG) •RFB1
VFLOAT − VFB(REG)
−1000Ω
Where 1000Ω represent the typical value of RFBG. This is
the resistance of the FBG pin which serves as the ground
return for the battery float voltage divider.
Once RFB1 and RFB2 are selected re-calculate the value of
VFLOAT obtained with the resistors available. If the error
Figure 4. MPPT Resistive Divider
Figure 5. Programming the Float Voltage with LTC4121
4121 F05
BAT
22µF
RFB1
VFLOAT
RFB2
Li-Ion
+
FB
FBG
ENABLE
IFB
LTC4121
4121 F04
IN
RMPPT1
CMPPT
(OPTIONAL)
RMPPT2
IMPPT
MPPT
GND
LTC4121



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com