Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC5100 Datasheet(PDF) 21 Page - Linear Technology

Part # LTC5100
Description  3.3V, 3.2Gbps VCSEL Driver
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC5100 Datasheet(HTML) 21 Page - Linear Technology

Back Button LTC5100_15 Datasheet HTML 17Page - Linear Technology LTC5100_15 Datasheet HTML 18Page - Linear Technology LTC5100_15 Datasheet HTML 19Page - Linear Technology LTC5100_15 Datasheet HTML 20Page - Linear Technology LTC5100_15 Datasheet HTML 21Page - Linear Technology LTC5100_15 Datasheet HTML 22Page - Linear Technology LTC5100_15 Datasheet HTML 23Page - Linear Technology LTC5100_15 Datasheet HTML 24Page - Linear Technology LTC5100_15 Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 52 page
background image
LTC5100
21
sn5100 5100fs
Figure 19 shows how the LTC5100 achieves a low reflec-
tion coefficient. The unavoidable capacitance of the high
speed driver transistor, bond pads and ESD protection
circuitry (C1) is compensated by the inductance of the
bond wires (LBWA and LBWB).
The high speed behavior of the circuit in Figure 19 can be
understood in greater detail by examining the simplified
circuit in Figure 20. In Figure 20 the switched current
source (M1 in Figure 19) launches a current step (1)
toward the termination resistor (2A) and toward the trans-
mission line (2B) connected to the laser. The laser is
typically mismatched to the line impedance and reflects a
portion of the incident wave (3) back toward the MODB
pin. There it encounters an L-C-L structure composed of
the bond wires and driver capacitance. This structure is
carefully designed as a lumped element approximation to
the transmission line impedance. It therefore transmits
wave (3) through the IC package without reflecting energy
back toward the laser. The traveling wave passes through
the chip largely unimpeded (4) and is absorbed by the
matched termination resistor, RT.
The matched termination is provided by the termination
resistor, RT, decoupled by capacitor CT. CT forms an AC
short across the entire frequency range contained in the
modulation data.
The termination resistor, RT, need not be 50Ω. 50Ω is best
for electrical testing because it matches the impedance of
most high frequency instruments. RT can be made smaller,
35
Ω, for example, to more closely match a laser with low
dynamic impedance or to allow more voltage headroom at
the SRC pin. This may be necessary for lasers that run at
high voltages or high bias currents. RT can be made larger,
70
Ω for example, to more closely match a laser with high
dynamic impedance or if a narrow, high impedance PC
board trace is needed to connect to the laser.
Figure 21 shows that the high speed modulation current is
confined to the ground system, laser and back termination
network. No high speed current circulates in the power
supply where it could cause radiation and interference
problems.
HIGH SPEED DATA INPUTS
The high speed data inputs, IN+ and IN–, are internally
terminated in 50
Ω and internally AC coupled, eliminating
the need for external termination resistors and AC cou-
pling capacitors. Figure 10 shows the equivalent circuit
for the high speed data pins. By default, the high speed
data inputs are terminated differentially with 100
Ω for
compatibility with LVDS, PECL and similar differential
signaling standards (Cml_en = 0). Alternately, the inputs
can be programmed for 50
Ω single-ended termination to
the power supply for biasing a current mode logic (CML)
driver. To select CML compatibility, program Cml_en to 1.
Although internally AC coupled, the inputs are biased with
high valued resistors (50k equivalent) to VDD(HS)/2, so the
LTC5100 remains compatible with external AC coupling
capacitors. When externally AC coupled, the inputs self-
bias to approximately VDD(HS)/2.
Internal AC coupling gives the LTC5100 rail-to-rail input
common mode capability. The inputs can be driven as
much as 300mV beyond the rail during peak excursions.
The AC coupling circuit is a distributed highpass filter with
OPERATIO
Figure 21. High Speed Current Flow in the Modulation Output
11
MODA
10
MODB TRANSMISSION
LINE
ZO = RT
5100 F20
C1
RT
50
Ω
TYP
LBWA
LBWB
1
2B
2A
4
3
VSS
M1
EXPOSED
PAD
VDD
SRC
MODA
MODB
5100 F21
LTC5100
10nF
NO HIGH
SPEED
CURRENT
50
Ω
3.2Gbps
MODULATOR
14
11
12
10
9
Figure 20. Wave Propagation in the Laser Interconnect



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com