Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RFFM6906 Datasheet(PDF) 3 Page - RF Micro Devices

Part # RFFM6906
Description  3.1V to 4.0V, 915MHz Transmit/Receive Module
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFFM6906 Datasheet(HTML) 3 Page - RF Micro Devices

  RFFM6906 Datasheet HTML 1Page - RF Micro Devices RFFM6906 Datasheet HTML 2Page - RF Micro Devices RFFM6906 Datasheet HTML 3Page - RF Micro Devices RFFM6906 Datasheet HTML 4Page - RF Micro Devices RFFM6906 Datasheet HTML 5Page - RF Micro Devices RFFM6906 Datasheet HTML 6Page - RF Micro Devices RFFM6906 Datasheet HTML 7Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS150129
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
3 of 7
RFFM6906
Parameter
Specification
Unit
Condition
Min
Typ
Max
RX LNA Section
VCC = 3.6V, VREG = 0V, C_TX = 0V, C_RX = 3.4V,
Temperature = 25°C; Unless otherwise specified
RX Gain
12
14
16
dB
75
Ω Balanced
Noise Figure
2.0
2.2
dB
Input IP3
1
3
dBm
Input Return Loss
10
12
dB
50
Ω Single-ended
Output Return Loss
10
12
dB
75
Ω Balanced
LNA Current
6
8
10
mA
Antenna Switch Section
Isolation
20
dB
Any used port to any unused port
Logic Voltage, High
3.1
3.4
3.8
V
All Logic I/Os, VBAT to 0.2V
Logic Voltage, Low
0.0
0.2
V
All Logic I/Os
Logic Current, High
5
10
mA
All Logic I/Os
Logic Current, Low
0.4
mA
All Logic I/Os
Module Logic Truth Table
Operating Mode
C_TX
C_RX
C_ANT
VREG
TX-ANT1
1
0
0
3.4V
TX-ANT2
1
0
1
3.4V
RX-ANT1
0
1
0
0V
RX-ANT2
0
1
1
0V
All Off
0
0
0
0V
Notes:
1. Switch Control Logic High = Min 3.1V to Max 3.8V
2. Switch Control Logic Low = Min 0.0V to Max 0.4V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com