Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RFPA1012 Datasheet(PDF) 7 Page - RF Micro Devices

Part # RFPA1012
Description  GaAs HBT 400MHz to 2700MHz Power Amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFPA1012 Datasheet(HTML) 7 Page - RF Micro Devices

Back Button RFPA1012 Datasheet HTML 3Page - RF Micro Devices RFPA1012 Datasheet HTML 4Page - RF Micro Devices RFPA1012 Datasheet HTML 5Page - RF Micro Devices RFPA1012 Datasheet HTML 6Page - RF Micro Devices RFPA1012 Datasheet HTML 7Page - RF Micro Devices RFPA1012 Datasheet HTML 8Page - RF Micro Devices RFPA1012 Datasheet HTML 9Page - RF Micro Devices RFPA1012 Datasheet HTML 10Page - RF Micro Devices RFPA1012 Datasheet HTML 11Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7 of 11
RFPA1012
DS150622
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Typical Performance
(2110MHz to 2170MHz Application Circuit)
-40
-35
-30
-25
-20
-15
-10
-5
0
2.11
2.12
2.13
2.14
2.15
2.16
2.17
Frequency (GHz)
Input Return Loss versus Frequency
85°C
25°C
-40°C
8
9
10
11
12
13
14
15
16
17
18
2.11
2.12
2.13
2.14
2.15
2.16
2.17
Frequency (GHz)
Gain versus Frequency
85°C
25°C
-40°C
-30
-25
-20
-15
-10
-5
0
2.11
2.12
2.13
2.14
2.15
2.16
2.17
Frequency (GHz)
Isolation versus Frequency
85°C
25°C
-40°C
-30
-25
-20
-15
-10
-5
0
2.11
2.12
2.13
2.14
2.15
2.16
2.17
Frequency (GHz)
Output Return versus Frequency
85°C
25°C
-40°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com