Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RFPA2089 Datasheet(PDF) 13 Page - RF Micro Devices

Part # RFPA2089
Description  InGaP HBT POWER AMPLIFIER 0.25W, 50MHz to 2700MHz
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFPA2089 Datasheet(HTML) 13 Page - RF Micro Devices

Back Button RFPA2089 Datasheet HTML 8Page - RF Micro Devices RFPA2089 Datasheet HTML 9Page - RF Micro Devices RFPA2089 Datasheet HTML 10Page - RF Micro Devices RFPA2089 Datasheet HTML 11Page - RF Micro Devices RFPA2089 Datasheet HTML 12Page - RF Micro Devices RFPA2089 Datasheet HTML 13Page - RF Micro Devices RFPA2089 Datasheet HTML 14Page - RF Micro Devices RFPA2089 Datasheet HTML 15Page - RF Micro Devices RFPA2089 Datasheet HTML 16Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13 of 16
RFPA2089
DS130211
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at ((+1) 336-678-5570 or c
customerservice@rfmd.com.
Typical Performance – 2.58GHz to 2.69GHz Application Circuit
35
36
37
38
39
40
41
42
43
44
45
2.58
2.59
2.60
2.61
2.62
2.63
2.64
2.65
2.66
2.67
2.68
2.69
Frequency (GHz)
Output IP3 versus Frequency
(11dBm Tones, 1MHz Spacing)
25°C
-40°C
85°C
100
110
120
130
140
150
160
170
180
12
14
16
18
20
22
24
26
28
-5
-4
-3
-2
-1
0
1
2
3
4
5
6
7
8
9
10
11
Input Power (dBm)
Output Power and Current versus Input Power
at 2640MHz
Pout (25°C)
Pout (-40°C)
Pout (85°C)
Icc (25°C)
Icc (-40°C)
Icc (85°C)
-75
-70
-65
-60
-55
-50
-45
-40
-35
8
9
10
11
12
13
14
15
16
17
18
Output Channel Power (dBm)
ACPR versus WCDMA Output Power (25
°C)
2.58GHz
2.64GHz
2.69GHz
WCDMA_TM1_64DPCH_1C
-75
-70
-65
-60
-55
-50
-45
-40
-35
8
9
10
11
12
13
14
15
16
17
18
Output Channel Power (dBm)
ACPR versus WCDMA Output Power (2640MHz)
25°C
-40°C
85°C
WCDMA_TM1_64DPCH_1C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com