Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RFSA2113SQ Datasheet(PDF) 2 Page - RF Micro Devices

Part # RFSA2113SQ
Description  Wide Bandwidth Voltage Controlled Attenuator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFSA2113SQ Datasheet(HTML) 2 Page - RF Micro Devices

  RFSA2113SQ Datasheet HTML 1Page - RF Micro Devices RFSA2113SQ Datasheet HTML 2Page - RF Micro Devices RFSA2113SQ Datasheet HTML 3Page - RF Micro Devices RFSA2113SQ Datasheet HTML 4Page - RF Micro Devices RFSA2113SQ Datasheet HTML 5Page - RF Micro Devices RFSA2113SQ Datasheet HTML 6Page - RF Micro Devices RFSA2113SQ Datasheet HTML 7Page - RF Micro Devices RFSA2113SQ Datasheet HTML 8Page - RF Micro Devices RFSA2113SQ Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
RFSA2113
rfmd.com
2 of 18
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
DS140616
Absolute Maximum Ratings
Parameter
Rating
Unit
Supply Voltage (VDD)
-0.5 to 6
V
SLOPE, VC, EN Pins
-0.5 to 6
V
RF Input Power Note 1
+23
dBm
Operating Temperature
-40 to +85
°C
Storage Temperature
-55 to +150
°C
Junction Temperature
+125
°C
ESD Rating (HBM)
1000
V
Note 1: Peak power of +29dBm allowable when RMS power does not
exceed +23dBm.
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
General
Supply Voltage
3.0
5
5.5
V
Internal Voltage Regulator
Supply Current
2
3.5
mA
Operating Temperature
-40
85
°C
Thermal Resistance
175
°C/W
RF input must be RFIN pin
RF Input Power
23
dBm
Continuous RMS operation at the RFIN pin
RF Performance
Frequency Range
50
18000
MHz
Minimum Insertion Loss
2
dB
1GHz
3
dB
10GHz
4.5
dB
18GHz
Gain Control Range
34
dB
1GHz
32
dB
10GHz
28
dB
18GHz
Gain vs. Temperature
1
dB
Peak to peak gain variation over
temperature for fixed control voltage
Return Loss
15
dB
Relative Phase
22
Deg
Insertion phase at 15dB attenuation
relative to minimum insertion loss
Input 1dB Compression Point
29
dBm
Peak power of +29dBm allowable when
RMS power does not exceed +23dBm
Input IP3
45
dBm
PIN + (IM3dBC/2)
Input IP2
75
dBm
PIN + IM2dBC, IM2 is F1+F2
Input IH2
80
dBm
PIN + H2dBC, H2 is second harmonic
Input IH3
50
dBm
PIN + (H3dBC/2), H3 is third harmonic
Control
Voltage Control Range, Positive
Attenuation Slope
0
2.5
V
2.5V control voltage is lowest insertion
loss, SLOPE pin logic high
Voltage Control Range, Negative
Attenuation Slope
0
2.5
V
0V control voltage is lowest insertion loss,
SLOPE pin logic low
Voltage Control Pin Current
1.2
µA
VC pin set to 2.5V
SLOPE and EN Pins Logic Low
0.4
V
SLOPE and EN Pins Logic High
1
V
Settling Time
2
µsec
1dB attenuation change settling within
0.1dB of final value.
Note: Typical performance at nominal conditions unless otherwise noted: Supply voltage=5.0V, Operating temperature=25°C, RF Frequency 10GHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com