Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RFSA2654 Datasheet(PDF) 6 Page - RF Micro Devices

Part # RFSA2654
Description  SERIAL CONTROLLED 7 DIGITAL STEP ATTENUATOR 5MHz TO 2000MHz, 6-BIT, 0.5dB
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFSA2654 Datasheet(HTML) 6 Page - RF Micro Devices

  RFSA2654 Datasheet HTML 1Page - RF Micro Devices RFSA2654 Datasheet HTML 2Page - RF Micro Devices RFSA2654 Datasheet HTML 3Page - RF Micro Devices RFSA2654 Datasheet HTML 4Page - RF Micro Devices RFSA2654 Datasheet HTML 5Page - RF Micro Devices RFSA2654 Datasheet HTML 6Page - RF Micro Devices RFSA2654 Datasheet HTML 7Page - RF Micro Devices RFSA2654 Datasheet HTML 8Page - RF Micro Devices RFSA2654 Datasheet HTML 9Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6 of 9
RFSA2654
DS121031
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Evaluation Board Schematic
Evaluation Board Bill of Materials (BOM)
* Evaluation board shipped with 470pF C11-C12 to support 2GHz operation. 10,000pF required for 5MHz operation.
Description
Reference
Designator
Manufacturer
Manufacturer’s P/N
Evaluation Board
SA2654410(A
RFSA2654
U1
RFMD
RFSA2654
CAP, 1nF, 10%, 10V, X5R, 0402
C7
Taiyo Yuden (USA), Inc.
RM UMK105BJ102KV-F
CAP, 10000pF, 10%, 25V, X7R, 0402
C11-C12*
Murata Electronics
GRM155R71E103KA01D
RES, 0Ω, 5%, 1/16W, 0402
R1-R2, R4-R5, R8
Kamaya, Inc
RMC1/16SJPTH
DNP
R3, R6-R7, R9
DNP
C1-C6, C8-C9, C13-C20
CONN, F FEM EDGE MOUNT, 75Ω, 0.035"
J1-J2
Millimeter Wave Technologies,
LLC
MW-846-F-DD-75
DNP
J99-J100
CONN, HDR, ST, PLRZD, 9-PIN
P1
ITW Pancon
MPSS100-9-C
CONN, SKT, 24-PIN DIP, .600", T/H
P2
Aries Electronics Inc.
24-6518-10



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com