Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC3576 Datasheet(PDF) 21 Page - Linear Technology

Part # LTC3576
Description  Switching Power Manager with USB On-the-Go Triple Step-Down DC/DCs
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3576 Datasheet(HTML) 21 Page - Linear Technology

Back Button LTC3576_15 Datasheet HTML 17Page - Linear Technology LTC3576_15 Datasheet HTML 18Page - Linear Technology LTC3576_15 Datasheet HTML 19Page - Linear Technology LTC3576_15 Datasheet HTML 20Page - Linear Technology LTC3576_15 Datasheet HTML 21Page - Linear Technology LTC3576_15 Datasheet HTML 22Page - Linear Technology LTC3576_15 Datasheet HTML 23Page - Linear Technology LTC3576_15 Datasheet HTML 24Page - Linear Technology LTC3576_15 Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 48 page
background image
LTC3576/LTC3576-1
21
3576fb
OPERATION
high voltage switching regulator. As a step-up converter,
the bidirectional switching regulator produces 5V on
VBUS and is capable of delivering at least 500mA. USB
on-the-go can be enabled by either the external control
pin, ENOTG, or via I2C. Figure 3 shows the power flow
in step-up mode.
An undervoltage lockout circuit monitors VOUT and pre-
vents step-up conversion until VOUT rises above 2.8V. To
prevent backdriving of VBUS when input power is available,
the VBUS undervoltage lockout circuit prevents step-up
conversion if VBUS is greater than 4.3V at the time step-up
mode is enabled. The switching regulator is also designed
to allow true output disconnect by eliminating body diode
conduction of the internal PMOS switch. This allows VBUS
to go to zero volts during a short-circuit condition or while
shut down, drawing zero current from VOUT.
The voltage regulation loop is compensated by the capaci-
tance on VBUS. A 4.7μF MLCC is required for loop stability.
Additional capacitance beyond this value will improve
transient response. The VBUS voltage has approximately
3% load regulation up to an output current of 500mA. At
light loads, the switching regulator goes into Burst Mode
operation. The regulator will deliver power to VBUS until it
reaches 5.1V after which the NMOS and PMOS switches
shut off. The regulator delivers power again to VBUS once
it falls below 5.1V.
The switching regulator features both peak inductor and
average output current limit. The peak current mode
architecture limits peak inductor current on a cycle-by-
cycle basis. The peak current limit is equal to VBUS/2Ω to
a maximum of 1.8A so that in the event of a sudden short
circuit, the current limit will fold back to a lower value.
In step-up mode, the voltage on CLPROG represents the
average output current of the switching regulator when
a programming resistor and an averaging capacitor are
connected from CLPROG to GND. With a 3.01k resistor
on CLPROG, the bidirectional switching regulator has an
output current limit of 680mA. As the output current ap-
+
–
0.3V
1.15V
3.6V
CLPROG
ISWITCH/N
+ –
15mV
OmV
IDEAL
DIODE
PWM AND
GATE DRIVE
AVERAGE VBUS OUTPUT
CURRENT LIMIT
CONTROLLER
VBUS
VOLTAGE
CONTROLLER
VOUT VOLTAGE
CONTROLLER
CONSTANT CURRENT
CONSTANT VOLTAGE
BATTERY CHARGER
5V
1
IDGATE
31
VOUT
33
SW
3.5V TO
(BAT + 0.3V)
TO SYSTEM LOAD
OPTIONAL EXTERNAL
IDEAL DIODE PMOS
SINGLE CELL
Li-Ion
3576 F03
36
BAT
32
TO USB
CABLE
35
+
5
OVGATE
VBUS
34
VBUS
6
OVSENS
TO AUTOMOTIVE,
FIREWIRE, ETC.
ACPR
BAT + 0.3V
3.6V
VOUT
4.3V
28
WALL
Bat-Track HV CONTROL
27
VC
6V
26
SW
FB
VIN
VC
HIGH VOLTAGE
STEP-DOWN
SWITCHING
REGULATOR
2
OVERVOLTAGE PROTECTION
+ –
BATTERY POWER
HV INPUT
Figure 3. PowerPath Block Diagram—USB On-the-Go



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com