Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC3883 Datasheet(PDF) 21 Page - Linear Technology

Part # LTC3883
Description  Single Phase Step-Down DC/DC Controller with Digital Power System Management
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3883 Datasheet(HTML) 21 Page - Linear Technology

Back Button LTC3883_15 Datasheet HTML 17Page - Linear Technology LTC3883_15 Datasheet HTML 18Page - Linear Technology LTC3883_15 Datasheet HTML 19Page - Linear Technology LTC3883_15 Datasheet HTML 20Page - Linear Technology LTC3883_15 Datasheet HTML 21Page - Linear Technology LTC3883_15 Datasheet HTML 22Page - Linear Technology LTC3883_15 Datasheet HTML 23Page - Linear Technology LTC3883_15 Datasheet HTML 24Page - Linear Technology LTC3883_15 Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 112 page
background image
LTC3883/LTC3883-1
21
3883fb
For more information www.linear.com/LTC3883
Figure 3. Load Sharing Connections for 2-Phase Operation
operaTion
command. The resulting measured powerstage current
is returned by the READ_IIN command.
The MFR_READ_IIN_CHAN command returns the
calculated powerstage current based on the READ_IOUT
value multiplied by the READ_DUTY_CYCLE value.
The LTC3883 uses an internal 1Ω sense resistor to
measuretheVINpinsupplycurrentbeingconsumedbythe
LTC3883.ThisvalueisreturnedbytheMFR_READ_ICHIP
command. Refer to the subsection titled Input Current
Sense Amplifier in the Applications Information section
for further detail.
LOAD SHARING
Multiple LTC3883’s can be arrayed in order to provide a
balanced load-share solution by bussing the necessary
pins. Figure 3 illustrates the shared connections required
for load sharing.
The frequency must only be programmed on one of the
LTC3883s. The other(s) must be programmed to External
Clock.
EXTERNAL/INTERNAL TEMPERATURE SENSE
Externaltemperaturecanbebestmeasuredusingaremote
diode-connected PNP transistor such as the MMBT3906.
The emitter should be connected to the TSNS pin while the
base and collector terminals of the PNP transistor should
be returned to the LTC3883’s GND pin, preferably using a
starconnection.Itispossibletoconnectthecollectorofthe
PNPtothesourceofthebottomMOSFET.Thismayoptimize
boardlayoutallowingthePNPcloserproximitytothepower
FETs. The base of the PNP must still be tied to ground. For
best noise immunity, the connections should be routed
differentiallyanda10nFcapacitorshouldbeplacedinparallel
with the diode connected PNP. Two different currents are
applied to the diode (nominally 2µA and 32µA) and the
100
100
100
100
LTC3883 + POWER STAGE
ITH
VIN
POWER STAGE
IIN_SNS
VIN_SNS
LTC3883 + POWER STAGE
ITH
NOTE: SOME CONNECTORS
AND COMPONENTS OMITTED
FOR CLARITY
ISENSE+
ISENSE–
VSENSE+
VSENSE–
CONTROL
VSUPPLY
SMBALERT
FAULT
PWM CLOCK
SHARE CLOCK
RUN
ALERT
GPIO
SYNC
SHARE_CLK
RUN
ALERT
GPIO
SYNC
SHARE_CLK
ISENSE+
ISENSE–
PGND
GND
PGND
3883 F03
GND
VSENSE+
VSENSE–
LOAD
IIN_SNS
VIN_SNS
VIN
POWER STAGE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com