Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

KMB3D0P30SA Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part # KMB3D0P30SA
Description  P-Ch Trench MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KMB3D0P30SA Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  KMB3D0P30SA_15 Datasheet HTML 1Page - KEC(Korea Electronics) KMB3D0P30SA_15 Datasheet HTML 2Page - KEC(Korea Electronics) KMB3D0P30SA_15 Datasheet HTML 3Page - KEC(Korea Electronics) KMB3D0P30SA_15 Datasheet HTML 4Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2009. 8. 17
2/4
KMB3D0P30SA
Revision No : 2
ELECTRICAL CHARACTERISTICS (Ta=25
℃)
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Static
Drain to Source Breakdown Voltage
BVDSS
IDS=-250μ
A, VGS=0V,
-30
-
-
V
Drain Cut-off Current
IDSS
VGS=0V, VDS=-24V
-
-
-1
μA
VGS=0V, VDS=-24V, Tj=55℃
-
-
-10
Gate to Source Leakage Current
IGSS
VGS=±20V, VDS=0V
-
-
±100
nA
Gate to Source Threshold Voltage
Vth
VDS=VGS, ID=250μ
A
-1.0
-
-3.0
V
Drain to SourceSource On Resistance
RDS(ON)
VGS=-10V, ID=-3A
(Note2)
-
64
80
m
Ω
VGS=-4.5V, ID=-2.5A
(Note2)
-
103
140
On State Drain Current
ID(ON)
VGS=-10V, VDS=-5V
(Note2)
-12
-
-
A
Forward Transconductance
gfs
VDS=-10V, ID=-3A
(Note2)
-
4.5
-
S
Dynamic
Input Capacitance
Ciss
VDS=-15V, VGS= 0V, f=1MHz,
-
365
-
pF
Output Capacitance
Coss
-
72
-
Reverse Transfer Capacitance
Crss
-
37
-
Total Gate Charge
Qg
VDS=-15V, VGS=-10V, ID=-3A
(Note2)
-
6.3
-
nC
Gate to Source Charge
Qgs
-
1.1
-
Gate to Drain Charge
Qgd
-
1.6
-
Turn-on Delay time
td(on)
VDD=-15V, VGS=-10V
ID=-1A, RG=6Ω
(Note2)
-
6.9
-
ns
Turn-on Rise time
tr
-
16
-
Turn-off Delay time
td(off)
-
18
-
Turn-off Fall time
tf
-
15
-
Source-Drain Diode Ratings
Continuous Source Current
IS
-
-
-
-3.0
A
Pulsed Source Current
ISP
-
(Note2)
-
-
-12
A
Source to Drain Forward Voltage
VSD
VGS=0V, IS=-1.25A
(Note2)
-
-
-1.2
V
Note2) Pulse Test : Pulse width <300
㎲ , Duty cycle < 2%



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com