Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

KMB7D0DN40QB Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part # KMB7D0DN40QB
Description  Dual N-Ch Trench MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KMB7D0DN40QB Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  KMB7D0DN40QB Datasheet HTML 1Page - KEC(Korea Electronics) KMB7D0DN40QB Datasheet HTML 2Page - KEC(Korea Electronics) KMB7D0DN40QB Datasheet HTML 3Page - KEC(Korea Electronics) KMB7D0DN40QB Datasheet HTML 4Page - KEC(Korea Electronics) KMB7D0DN40QB Datasheet HTML 5Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2012. 1. 13
2/5
KMB7D0DN40QB
Revision No : 0
ELECTRICAL CHARACTERISTICS (Ta=25
℃) UNLESS OTHERWISE NOTED
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Static
Drain to Source Breakdown Voltage
BVDSS
ID=250μ
A, VGS=0V
40
-
-
V
Drain Cut-off Current
IDSS
VDS=40V, VGS=0V
-
-
1
μA
Gate to Source Leakage Current
IGSS
VGS=±20V, VDS=0V
-
-
±100
nA
Gate to Source Threshold Voltage
Vth
VDS=VGS, ID=250μ
A
1
1.8
2.5
V
Drain to Source on Resistance
RDS(ON)
VGS=10V, ID=7A
(Note2)
-
20
25
m
Ω
VGS=4.5V, ID=7A
(Note2)
-
35
45
On-State Drain Current
ID(ON)
VDS=5V, VGS=10V
(Note2)
15
-
-
A
Forward Transconductance
gfs
VDS=5V, ID=3.5A
(Note2)
-
11
-
S
Dynamic
Input Capaclitance
Ciss
VDS=20V, f=1MHz, VGS=0V
-
560
-
pF
Ouput Capacitance
Coss
-
105
-
Reverse Transfer Capacitance
Crss
-
55
-
Total Gate Charge
Qg
VDS=20V, VGS=4.5V, ID=7A
(Note2)
-
7.8
-
nC
Gate to Source Charge
Qgs
-
4.0
-
Gate to Drain Charge
Qgd
-
2.6
-
Turn-On Delay Time
td(on)
VDD=20V, VGS=10V
ID=7A, RG=3.3Ω
(Note2)
-
13
-
ns
Turn-On Rise Time
tr
-
11
-
Turn-Off Delay Time
td(off)
-
26
-
Turn-Off Fall Time
tf
-
11
-
Source to Drain Diode Ratings
Source to Drain Forward Voltage
VSD
IS=7A, VGS=0V
(Note2)
-
0.85
1.2
V
Note2) Pulse Test : Pulse width
≤ 10㎲ , Duty cycle ≤ 1%



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com