Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HTX Datasheet(PDF) 7 Page - RMT Ltd.

Part # HTX
Description  Operating Manual
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RMT [RMT Ltd.]
Direct Link  http://www.rmtltd.ru
Logo RMT - RMT Ltd.

HTX Datasheet(HTML) 7 Page - RMT Ltd.

Back Button HTX Datasheet HTML 3Page - RMT Ltd. HTX Datasheet HTML 4Page - RMT Ltd. HTX Datasheet HTML 5Page - RMT Ltd. HTX Datasheet HTML 6Page - RMT Ltd. HTX Datasheet HTML 7Page - RMT Ltd. HTX Datasheet HTML 8Page - RMT Ltd. HTX Datasheet HTML 9Page - RMT Ltd. HTX Datasheet HTML 10Page - RMT Ltd. HTX Datasheet HTML 11Page - RMT Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
OPERATING MANUAL. HTX SERIES
Page 7 of 36
Ta=300 K (27 °C)
2.
Application in water - not more than 1 hour. Maximal temperature 100°C.
3.
Average value at Ta=300 K (27 °C). Detailed temperature dependence is given in table
4.
Sensor is equipped with thin FEP Flat Ribbon Cable, 0.025” Pitch, 32 AWG, 1,8 m. Wire
resistance 0,54 Ohm/m
5.
Cable is ended by miniature connector FMC 0,5/6-ST-2,54-18211355 (Phoenix). The
female part must be - MCV 0,5/6-G-2,54 SMD R44-1821588
Numbering system
The following numbering system was developed to order thermoelectric
Heat Flux Sensors of RMT.
The sensor serial number gives some useful information about design of
the sensors.
H T X - 0 5 9 - 0 8 Х 1 2
Description
Dimensions in mm
Shape:
D - dia. (round sensor)
L - square sensor
Pellet height, mmх10
Number of pellet pairs
Type
of
thermoelectric
module used:
MC «C»
MD «D»
Sensor type:
HT
heat
flux
and
temperature
HF
heat flux (without
temperature)
HR
radiation heat flux



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com