Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NJG1521PE1R1-R3 Datasheet(PDF) 5 Page - New Japan Radio

Part # NJG1521PE1R1-R3
Description  TDMA ANTENNA SWITCH GaAs MMIC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJG1521PE1R1-R3 Datasheet(HTML) 5 Page - New Japan Radio

  NJG1521PE1R1-R3 Datasheet HTML 1Page - New Japan Radio NJG1521PE1R1-R3 Datasheet HTML 2Page - New Japan Radio NJG1521PE1R1-R3 Datasheet HTML 3Page - New Japan Radio NJG1521PE1R1-R3 Datasheet HTML 4Page - New Japan Radio NJG1521PE1R1-R3 Datasheet HTML 5Page - New Japan Radio NJG1521PE1R1-R3 Datasheet HTML 6Page - New Japan Radio NJG1521PE1R1-R3 Datasheet HTML 7Page - New Japan Radio NJG1521PE1R1-R3 Datasheet HTML 8Page - New Japan Radio NJG1521PE1R1-R3 Datasheet HTML 9Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
NJG1521PE1
- 5 -
nELECTRICAL CHARACTRISTICS 4 [1.5GHz TX Mode]
General Conditions:
PARAMETER
SYMBOL
CONDITION
MIN
TYP
MAX
UNITS
Frequency range 3
fin3
1429
-
1453
MHz
TX-ANT1 Insertion Loss
LOSS7
Pin=30dBm
-
0.55
0.70
dB
TX-EXT1 Insertion Loss
LOSS8
Pin=30dBm
-
0.65
0.80
dB
TX-RX Isolation
ISL10
Pin=30dBm
TX-ANT1, TX-EXT1 passing
28
33
-
dB
TX-ANT1 Isolation
ISL11
Pin=30dBm
TX-EXT1 passing
25
30
-
dB
TX-ANT2 Isolation
ISL12
Pin=30dBm
TX-ANT1, TX-EXT1 passing
20
24
-
dB
TX-EXT1 Isolation
ISL13
Pin=30dBm
TX-ANT1 passing
20
24
-
dB
TX-EXT2 Isolation
ISL14
Pin=30dBm
TX-ANT1,TX-EXT1 passing
35
40
-
dB
Input Power at
0.5dB Compression 2
P-0.5dB(2) TX-ANT1,TX-EXT1 passing
33.5
35.5
-
dBm
Adjacent Channel
Leakage Power 3
ACP3
PDC Standard, ±50kHz offset
Pin=30dBm
Input Signal ACP=-67dBc @ 30dBm
-
-64
-60
dBc
Adjacent Channel
Leakage Power 4
ACP4
PDC Standard, ±100kHz offset
Pin=30dBm
Input Signal ACP=-76dBc @ 30dBm
-
-72
-70
dBc
2nd Harmonics 2
2f0(2)
Pin=30dBm
Input Signal 2nd Harmonics =-80dBc
-
-65
-61
dBc
3rd Harmonics 2
3f0(2)
Pin=30dBm
Input Signal 3rd Harmonics =-110dBc
-
-63
-61
dBc
VSWR 3
VSWR3
TX-ANT1,TX-EXT1 Passing
-
1.2
1.6
Switching Time 3
TD3
CTL1~3
-
120
500
nsec
Ta=+25°C, VDD=3.5V, VSS=-2.5V, fin=1453MHz
Tested on PCB circuit as shown below.
Insertion loss of each connectors, striplines, and capacitors are excluded.
TX, RX, ANT1, ANT2, EXT1, EXT2: terminated (50
Ω)
TER1: grounded by 5pF capacitor, TER2: grounded by 10pF capacitor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com